Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27421-G1 Datasheet (PDF) - Texas Instruments

BQ27421-G1 Datasheet PDF - Texas Instruments
Part # BQ27421-G1
Download  BQ27421-G1 Download
File Size   646.16 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq27421-G1 System-Side Impedance Track™ Fuel Gauge With Integrated Sense Resistor

BQ27421-G1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ27421-G1 Datasheet PDF - Texas Instruments

Part # BQ27421-G1
Download  BQ27421-G1 Click to download

File Size   646.16 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq27421-G1 System-Side Impedance Track™ Fuel Gauge With Integrated Sense Resistor

BQ27421-G1 Datasheet (HTML) - Texas Instruments


BQ27421-G1 Product details

1 Features
1• Single-Cell Li-Ion Battery Fuel Gauge
– Resides on System Board
– Supports Embedded or Removable Batteries
– Powered Directly from Battery with Integrated
LDO
– Low-Value Integrated Sense Resistor
(7 mΩ, Typical)
• Easy-to-Configure Fuel Gauging Based on
Patented Impedance Track™ Technology
– Reports Remaining Capacity and State-of-
Charge (SOC) with Smoothing Filter
– Automatically Adjusts for Battery Aging, Self-
Discharge, Temperature, and Rate Changes
– Battery State-of-Health (Aging) Estimation
• Microcontroller Peripheral Supports:
– 400-kHz I2C Serial Interface
– Configurable SOC Interrupt or
Battery Low Digital Output Warning
– Internal Temperature Sensor or
Host-Reported Temperature

2 Applications
• Smartphones, Feature Phones, and Tablets
• Digital Still and Video Cameras
• Handheld Terminals
• MP3 or Multimedia Players

3 Description
The Texas Instruments bq27421-G1 fuel gauge is a
minimally configured microcontroller peripheral that provides system-side fuel gauging for single-cell Li-
Ion batteries. The device requires very little user
configuration and system microcontroller firmware
development.
The bq27421-G1 fuel gauge uses the patented
Impedance TrackTM algorithm for fuel gauging, and
provides information such as remaining battery
capacity (mAh), state-of-charge (%), and battery voltage (mV).
Battery fuel gauging with the bq27421-G1 fuel gauge requires connections only to PACK+ (P+) and PACK–
(P–) for a removable battery pack or embedded
battery circuit. The tiny 9-ball, 1.62 mm × 1.58 mm,
0.5-mm pitch NanoFree™ chip scale package
(DSBGA) is ideal for space-constrained applications.




Similar Part No. - BQ27421-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27421-G1 TI-BQ27421-G1 Datasheet
959Kb / 20P
System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27421-G1 TI1-BQ27421-G1_16 Datasheet
1Mb / 28P
System-Side Impedance Track Fuel Gauge With Integrated Sense Resistor
More results


Similar Description - BQ27421-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520-G3 TI-BQ27520-G3 Datasheet
863Kb / 47P
System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27425-G1 TI1-BQ27425-G1 Datasheet
875Kb / 32P
System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
System-Side Impedance Track??Fuel Gauge
BQ27421-G1 TI-BQ27421-G1 Datasheet
959Kb / 20P
System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27520YZFR-G4 TI-BQ27520YZFR-G4 Datasheet
843Kb / 19P
System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27425-G2 TI1-BQ27425-G2_14 Datasheet
1Mb / 35P
System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27421-G1 TI1-BQ27421-G1_16 Datasheet
1Mb / 28P
System-Side Impedance Track Fuel Gauge With Integrated Sense Resistor
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G3 TI1-BQ27520-G3_17 Datasheet
1Mb / 49P
System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27427 TI-BQ27427 Datasheet
929Kb / 24P
BQ27427 System-Side Impedance Track™ Fuel Gauge With Integrated Sense Resistor
DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com