Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ3285 Datasheet (PDF) - Texas Instruments

BQ3285 Datasheet PDF - Texas Instruments
Part # BQ3285
Download  BQ3285 Download
File Size   678.76 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Real-Time Clock (RTC)

BQ3285 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ3285 Datasheet PDF - Texas Instruments

Part # BQ3285
Download  BQ3285 Click to download

File Size   678.76 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Real-Time Clock (RTC)

BQ3285 Datasheet (HTML) - Texas Instruments


BQ3285 Product details

Features
Direct clock/calendar replacement
for IBM® AT-compatible
computers and other applications
Functionally compatible with the
DS1285
- Closely matches MC146818A
pin configuration
114 bytes of general nonvolatile
storage
160ns cycle time allows fast bus
operation
Selectable Intel or Motorola bus
timing
Less than 0.5mA load under battery
operation
14 bytes for clock/calendar and
control
BCD or binary format for clock
and calendar data
Calendar in day of the week, day
of the month, months, and years,
with automatic leap-year adjustment
Time of day in seconds, minutes,
and hours
- 12- or 24-hour format
- Optional daylight saving
adjustment
Programmable square wave output
Three individually maskable interrupt
event flags:
- Periodic rates from 122ms to
500ms
- Time-of-day alarm once per
second to once per day
- End-of-clock update cycle
24-pin plastic DIP or SOIC

General Description
The CMOS bq3285 is a low-power
microprocessor peripheral providing
a time-of-day clock and 100-year calendar
with alarm features and battery
operation. Other features include
three maskable interrupt
sources, square wave output, and 114
bytes of general nonvolatile storage.
The bq3285 write-protects the clock,
calendar, and storage registers during
power failure. A backup battery
then maintains data and operates the
clock and calendar.
The bq3285 is a fully compatible
real-time clock for IBM AT compatible
computers and other applications.
The only external components
are a 32.768kHz crystal and
a backup battery




Similar Part No. - BQ3285

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
Real-Time Clock RTC
BQ3285 TI1-BQ3285 Datasheet
614Kb / 26P
Real-Time Clock (RTC)
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
Real-Time Clock RTC
BQ3285E TI1-BQ3285E Datasheet
1Mb / 36P
Real-Time Clock (RTC)
BQ3285E TI2-BQ3285E Datasheet
1Mb / 31P
Real-Time Clock (RTC)
23-May-2025
More results


Similar Description - BQ3285

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8572A NSC-DP8572A Datasheet
367Kb / 22P
Real Time Clock (RTC)
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
Real Time Clock (RTC)
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
Real-Time Clock RTC
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
Real-Time Clock RTC
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
Real-Time Clock (RTC)
BQ3285ED TI-BQ3285ED Datasheet
159Kb / 27P
Real-Time Clock (RTC)
logo
UMC Corporation
UM82C8167 UMC-UM82C8167 Datasheet
617Kb / 7P
Real-Time Clock(RTC)
logo
Texas Instruments
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
REAL-TIME CLOCK (RTC)
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
Real-Time Clock (RTC)
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
Real-Time Clock (RTC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com