Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74AC251 Datasheet (PDF) - Texas Instruments

CD74AC251 Datasheet PDF - Texas Instruments
Part # CD74AC251
Download  CD74AC251 Download
File Size   670.36 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD74AC251 8-Input Multiplexer, Three-State

CD74AC251 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74AC251 Datasheet PDF - Texas Instruments

Part # CD74AC251
Download  CD74AC251 Click to download

File Size   670.36 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD74AC251 8-Input Multiplexer, Three-State

CD74AC251 Datasheet (HTML) - Texas Instruments


CD74AC251 Product details

1 Features
• Buffered inputs
• Typical propagation delay
– 6ns at VCC = 5V, TA = 25°C, CL = 50pF
• Exceeds 2kV ESD protection MIL-STD-883,
method 3015
• SCR-latchup-resistant CMOS process and circuit
design
• Speed of bipolar FAST™/AS/S with significantly
reduced power consumption
• Balanced propagation delays
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
• ±24mA output drive current
– Fanout to 15 FAST™ ICs
– Drives 50Ω transmission lines

2 Description
The CD74AC251 8-input multiplexers that utilize
the Harris Advanced CMOS Logic technology. This
multiplexer features both true (Y) and complement
Y) outputs as well as an Output Enable (OE) input.
The OE must be at a LOW logic level to enable this
device. When the OE input is HIGH, both outputs are
in the high-impedance state. When enabled, address
information on the data select inputs determines
which data input is routed to the Y and Y outputs.




Similar Part No. - CD74AC251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC251 TI-CD74AC251 Datasheet
38Kb / 8P
8-Input Multiplexer, Three-State
CD74AC251 TI1-CD74AC251 Datasheet
690Kb / 14P
8-Input Multiplexer, Three-State
CD74AC251-MIL TI1-CD74AC251-MIL Datasheet
690Kb / 14P
8-Input Multiplexer, Three-State
CD74AC251E TI-CD74AC251E Datasheet
38Kb / 8P
8-Input Multiplexer, Three-State
CD74AC251E TI1-CD74AC251E Datasheet
690Kb / 14P
8-Input Multiplexer, Three-State
More results


Similar Description - CD74AC251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC251 TI-CD74AC251 Datasheet
38Kb / 8P
8-Input Multiplexer, Three-State
CD74AC253 TI-CD74AC253 Datasheet
37Kb / 7P
Dual 4-Input Multiplexer, Three-State
CD74HC251 TI-CD74HC251 Datasheet
37Kb / 7P
High Speed CMOS Logic 8-Input Multiplexer; Three-State
CD74HCT356 TI-CD74HCT356 Datasheet
235Kb / 8P
High-Speed CMOS Logic 8-Input Multiplexer/Register, Three-State
CD54HCT251 TI-CD54HCT251 Datasheet
271Kb / 11P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD74AC253 TI-CD74AC253_07 Datasheet
428Kb / 15P
Dual 4-Input Multiplexer, Three-State
CD74AC253 TI-CD74AC253_08 Datasheet
569Kb / 16P
Dual 4-Input Multiplexer, Three-State
CD74AC251 TI1-CD74AC251_14 Datasheet
690Kb / 14P
8-Input Multiplexer, Three-State
CD54HC251 TI1-CD54HC251_14 Datasheet
463Kb / 16P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com