Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4504B Datasheet (PDF) - Texas Instruments

CD4504B Datasheet PDF - Texas Instruments
Part # CD4504B
Download  CD4504B Download
File Size   632.72 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION

CD4504B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4504B Datasheet PDF - Texas Instruments

Part # CD4504B
Download  CD4504B Click to download

File Size   632.72 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION

CD4504B Datasheet (HTML) - Texas Instruments


CD4504B Product details

1FEATURES
· Independence of Power-Supply Sequence
Considerations – VCC Can Exceed VDD;
Input Signals Can Exceed Both VCC and VDD
· Up and Down Level-Shifting Capability
· Shiftable Input Threshold for Either CMOS or
TTL Compatibility
· Standardized Symmetrical Output
Characteristics
· 100% Tested for Quiescent Current at 20 V
· Maximum Input Current of 1 mA at 18 V Over
Full Package-Temperature Range:
100 nA at 18 V and 25°C
· 5 V, 10 V, and 15 V Parametric Ratings
· Meets All Requirements of JEDEC Standard
No. 13B, "Standard Specifications for
Description of 'B' Series CMOS Devices"

SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
· Controlled Baseline
· One Assembly/Test Site
· One Fabrication Site
· Available in Military (–55°C/125°C)
Temperature Range(1)
· Extended Product Life Cycle
· Extended Product-Change Notification
· Product Traceability

DESCRIPTION
CD4504B hex voltage level-shifter consists of six circuits which shift input signals from the VCC logic level to the
VDD logic level. To shift TTL signals to CMOS logic levels, the SELECT input is at the VCC HIGH logic state.
When the SELECT input is at a LOW logic state, each circuit translates signals from one CMOS level to another.




Similar Part No. - CD4504B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4504B TI-CD4504B Datasheet
219Kb / 5P
CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS OR CMOS-TO-CMOS OPERATION
logo
Intersil Corporation
CD4504B INTERSIL-CD4504B Datasheet
33Kb / 3P
CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
July 1999
logo
Texas Instruments
CD4504B TI1-CD4504B Datasheet
898Kb / 16P
Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
CD4504B TI2-CD4504B Datasheet
702Kb / 16P
CMOS Hex Voltage-Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
Revised November 2004
CD4504B-EP TI-CD4504B-EP Datasheet
589Kb / 13P
CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
More results


Similar Description - CD4504B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4504B TI-CD4504B Datasheet
219Kb / 5P
CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS OR CMOS-TO-CMOS OPERATION
logo
Intersil Corporation
CD4504BMS INTERSIL-CD4504BMS Datasheet
60Kb / 8P
CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
December 1992
CD4504BT INTERSIL-CD4504BT Datasheet
33Kb / 3P
CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
July 1999
logo
Texas Instruments
CD4504BPWR TI-CD4504BPWR Datasheet
219Kb / 5P
CMOS HEX VOLTAGE LEVEL SHIFTER FOR TTL TO CMOS OR CMOS TO CMOS OPERATION
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_05 Datasheet
106Kb / 8P
Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
logo
Texas Instruments
CD4504B-EP TI-CD4504B-EP Datasheet
589Kb / 13P
CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_11 Datasheet
141Kb / 7P
Hex Level Shifter for TTL to CMOS or CMOS to CMOS
June, 2011 ??Rev. 7
logo
Texas Instruments
CD4504B TI1-CD4504B_12 Datasheet
891Kb / 16P
CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
Motorola, Inc
MC14504B MOTOROLA-MC14504B Datasheet
100Kb / 5P
Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com