Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4015B Datasheet (PDF) - Texas Instruments

CD4015B Datasheet PDF - Texas Instruments
Part # CD4015B
Download  CD4015B Download
File Size   688.43 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Dual 4-Stage Static Shift Register

CD4015B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4015B Datasheet PDF - Texas Instruments

Part # CD4015B
Download  CD4015B Click to download

File Size   688.43 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Dual 4-Stage Static Shift Register

CD4015B Datasheet (HTML) - Texas Instruments


CD4015B Product details

Features:
® Medium speed operation . ............
12 MHz (typ.) clock rate at Vpp — Vgg = 10 V
® Fully static operation
® 8 master-slave flip-flops plus input and output buffering
® 100% tested for quiescent current at 20 V
®5.V, 10-V, and 15-V parametric ratings
® Standardized, symmetrical output characteristics
= Maximum input current of 1 uA at 18 V
over full package-temperature range;
100 nA at 18 V and 25°C
® Noise margin (full package-temperature
range) =
1VatVpp=5V
2VatVpp=10V
25VatVpp=15V
@ Meets all requirements of JEDEC Tentative
Standard No. 138, “Standard Specifications
for Description of ‘B” Series CMOS Devices”




Similar Part No. - CD4015B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
CMOS Dual 4-Stage Static Shift Register
CD4015B TI2-CD4015B Datasheet
686Kb / 16P
CMOS Dual 4-Stage Static Shift Register
1-May-2025
CD4015B-MIL TI1-CD4015B-MIL Datasheet
884Kb / 15P
CMOS Dual 4-stage Static Shift Register
CD4015B-MIL TI2-CD4015B-MIL Datasheet
686Kb / 16P
CMOS Dual 4-Stage Static Shift Register
1-May-2025
logo
Fairchild Semiconductor
CD4015BC FAIRCHILD-CD4015BC Datasheet
56Kb / 6P
Dual 4-Bit Static Shift Register
More results


Similar Description - CD4015B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4015B SLS-SL4015B Datasheet
39Kb / 5P
Dual 4-Stage Static Shift Register
logo
Intersil Corporation
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
CMOS Dual 64-Stage Static Shift Register
December 1992
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
CMOS Dual 4-Stage Static Shift Register
logo
KODENSHI_AUK CORP.
KK4015B KODENSHI-KK4015B Datasheet
311Kb / 6P
Dual 4-Stage Static Shift Register
logo
Unisonic Technologies
UCD4015 UTC-UCD4015 Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015 UTC-UCD4015_15 Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_15 Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
logo
Texas Instruments
CD4015B TI1-CD4015B_15 Datasheet
884Kb / 15P
CMOS Dual 4-stage Static Shift Register
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com