Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74AC283M Datasheet (PDF) - Texas Instruments

CD74AC283M Datasheet PDF - Texas Instruments
Part # CD74AC283M
Download  CD74AC283M Download
File Size   653.74 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4AC283, CDx4ACT283 4-Bit Binary Fill Adder with Fast Carry

CD74AC283M Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74AC283M Datasheet PDF - Texas Instruments

Part # CD74AC283M
Download  CD74AC283M Click to download

File Size   653.74 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4AC283, CDx4ACT283 4-Bit Binary Fill Adder with Fast Carry

CD74AC283M Datasheet (HTML) - Texas Instruments


CD74AC283M Product details

1 Features
• Buffered inputs
• Exceeds 2kV ESD protection MIL-STD-883,
method 3015
• SCR-latchup-resistant CMOS process and circuit
design
• Speed of bipolar FAST™/AS/S with significantly
reduced power consumption
• Balanced propagation delays
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
• ±24mA output drive current
– Fanout to 15 FAST™ ICs
– Drives 50Ω transmission lines

2 Description
The ’AC283 and ’ACT283 4-bit binary adders with fast
carry that utilize Advanced CMOS Logic technology.
These devices add two 4-bit binary numbers and
generate a carryout bit if the sum exceeds 15.
Because of the symmetry of the add function, this
device can be used with either all active-HIGH
operands (positive logic) or with all active-LOW
operands (negative logic). When using positive logic,
the carry-in input must be tied LOW if there is no
carry-in.




Similar Part No. - CD74AC283M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC283M TI-CD74AC283M Datasheet
254Kb / 10P
4-Bit Binary Fill Adder With Fast Carry
CD74AC283M TI-CD74AC283M Datasheet
404Kb / 12P
4-Bit Binary Fill Adder With Fast Carry
CD74AC283M96 TI-CD74AC283M96 Datasheet
254Kb / 10P
4-Bit Binary Fill Adder With Fast Carry
CD74AC283M96 TI-CD74AC283M96 Datasheet
404Kb / 12P
4-Bit Binary Fill Adder With Fast Carry
CD74AC283M96E4 TI-CD74AC283M96E4 Datasheet
254Kb / 10P
4-Bit Binary Fill Adder With Fast Carry
More results


Similar Description - CD74AC283M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
4-Bit Binary Full Adder with Fast Carry
logo
Fairchild Semiconductor
DM74LS283 FAIRCHILD-DM74LS283 Datasheet
63Kb / 6P
4-Bit Binary Adder with Fast Carry
DM74LS83A FAIRCHILD-DM74LS83A Datasheet
51Kb / 5P
4-Bit Binary Adder with Fast Carry
DM74S283 FAIRCHILD-DM74S283 Datasheet
53Kb / 5P
4-Bit Binary Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
4-bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
National Semiconductor ...
MM54HC283 NSC-MM54HC283 Datasheet
127Kb / 6P
4-Bit Binary Adder with Fast Carry
logo
Texas Instruments
CD74AC283 TI-CD74AC283 Datasheet
254Kb / 10P
4-Bit Binary Fill Adder With Fast Carry
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Texas Instruments
CD54AC283 TI-CD54AC283_07 Datasheet
404Kb / 12P
4-Bit Binary Fill Adder With Fast Carry
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com