Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT244 Datasheet (PDF) - Texas Instruments

CD74FCT244 Datasheet PDF - Texas Instruments
Part # CD74FCT244
Download  CD74FCT244 Download
File Size   607.4 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BiCMOS OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS

CD74FCT244 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74FCT244 Datasheet PDF - Texas Instruments

Part # CD74FCT244
Download  CD74FCT244 Click to download

File Size   607.4 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BiCMOS OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS

CD74FCT244 Datasheet (HTML) - Texas Instruments


CD74FCT244 Product details

BiCMOS Technology With Low Quiescent
Power
Buffered Inputs
Noninverted Outputs
Input/Output Isolation From VCC
Controlled Output Edge Rates
64-mA Output Sink Current
Output Voltage Swing Limited to 3.7 V
SCR Latch-Up-Resistant BiCMOS Process
and Circuit Design

description/ordering information
The CD74FCT244 and CD74FCT244AT are octal
buffer/line drivers with 3-state outputs using a
small-geometry BiCMOS technology. The output stages are a combination of bipolar and CMOS transistors that
limit the output high level to two diode drops below VCC. This resultant lowering of output swing (0 V to 3.7 V)
reduces the power-bus ringing [a source of electromagnetic interference (EMI)] and minimizes VCC bounce and
ground bounce and their effects during simultaneous output switching. The output configuration also enhances
switching speed and is capable of sinking 64 mA.
These devices are organized as two 4-bit buffers/line drivers with separate active-low output-enable (OE)
inputs. When OE is low, the device passes data from the A inputs to the Y outputs. When OE is high, the outputs
are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.




Similar Part No. - CD74FCT244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT244 TI-CD74FCT244 Datasheet
20Kb / 3P
FCT Interface Logic Octal Buffers/Line Drivers, Three-State
CD74FCT244 TI-CD74FCT244 Datasheet
771Kb / 11P
BiCMOS OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CD74FCT244AT TI-CD74FCT244AT Datasheet
20Kb / 3P
FCT Interface Logic Octal Buffers/Line Drivers, Three-State
CD74FCT244AT TI-CD74FCT244AT Datasheet
771Kb / 11P
BiCMOS OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CD74FCT244ATE TI-CD74FCT244ATE Datasheet
20Kb / 3P
FCT Interface Logic Octal Buffers/Line Drivers, Three-State
More results


Similar Description - CD74FCT244

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Renesas Technology Corp
HD74LVC240A RENESAS-HD74LVC240A Datasheet
189Kb / 7P
Octal Buffers / Line Drivers with 3-state Outputs
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
CD74FCT244M96 TI-CD74FCT244M96 Datasheet
771Kb / 11P
BiCMOS OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com