Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C200 Datasheet (PDF) - TT Electronics.

C200 Datasheet PDF - TT Electronics.
Part # C200
Download  C200 Download
File Size   363.8 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 1000-2000VA LINE INTERACTIVE UPS SINGLE PHASE 700-1400W

C200 Datasheet (PDF)

Go To PDF Page Download Datasheet
C200 Datasheet PDF - TT Electronics.

Part # C200
Download  C200 Click to download

File Size   363.8 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 1000-2000VA LINE INTERACTIVE UPS SINGLE PHASE 700-1400W

C200 Datasheet (HTML) - TT Electronics.


C200 Product details

Features:
• Auto shutdown in the event of mains failure
• Pure sinewave output when operating in battery mode
• Inbuilt protection for modem and telephone
• PWM-based controller
• HID functionality
• Technology: C200, 1000VA
• Application: Retail Store CCTV
• Objective: To Ensure Valuable Retail Space is Monitored at All Times
Description:
The C200 UPS produces a pure sinewave output making it perfect for supporting critical loads. The C200 units include an AVR (Automatic Voltage Regulator) as standard, making them extremely effective even in poor mains supply conditions. With a wide input voltage window the UPS regulates a precise output voltage without switching to battery power. CCTV, alarm systems, EPOS and small office networks




Similar Part No. - C200

ManufacturerPart #DatasheetDescription
logo
Powerbox
C200 POWERBOX-C200 Datasheet
268Kb / 1P
50 WATTS (AC) DC/DC SINGLEI OUTPUT
logo
Intel Corporation
C200 INTEL-C200 Datasheet
758Kb / 82P
Intel® 6 Series Chipset and Intel® C200 Series Chipset
August 2012
logo
Texas Instruments
C2000 TI1-C2000 Datasheet
1,013Kb / 15P
C2000 LED BoosterPack
C2000 TI1-C2000 Datasheet
1Mb / 4P
Jump start your solar design with development kits for micro, central and string inverters
logo
Hubbell Incorporated.
C2000028 HUBBELL-C2000028 Datasheet
366Kb / 1P
Rod, Expanding/Cross-Plate Anchor, 1-1/4in X 8ft Tripleye
More results


Similar Description - C200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3K700 ETC2-S3K700 Datasheet
192Kb / 2P
S3K Mini-Tower Line-Interactive UPS
SMART2200NET ETC2-SMART2200NET Datasheet
512Kb / 6P
SmartPro 2.2kVA Line Interactive UPS, Serial, 120V
SMART2200SLT ETC2-SMART2200SLT Datasheet
509Kb / 6P
SmartPro 2.2kVA Line Interactive Sine Wave UPS
logo
Tripp Lite. All Rights ...
OMNI700LCD TRIPPLITE-OMNI700LCD Datasheet
527Kb / 5P
Omni LCD 700VA Tower Line-Interactive 120V UPS
OMNI500ISO TRIPPLITE-OMNI500ISO Datasheet
496Kb / 5P
OmniSmart 500VA Tower Line-Interactive 120V UPS
OMNI750ISO TRIPPLITE-OMNI750ISO Datasheet
498Kb / 5P
OmniSmart 750VA Tower Line-Interactive 120V UPS
logo
Tumbler Technologies + ...
OMNI900LCD TRUMPOWER-OMNI900LCD Datasheet
499Kb / 5P
Omni LCD 900VA Tower Line-Interactive 120V UPS
OMNISMART300PNP TRUMPOWER-OMNISMART300PNP Datasheet
489Kb / 5P
OmniSmart 300VA Tower Line-Interactive 120V UPS
OMNISMART700 TRUMPOWER-OMNISMART700 Datasheet
491Kb / 5P
OmniSmart 700VA Tower Line-Interactive 120V UPS
logo
Sparkle Power Inc.
SPU-1500-US SPI-SPU-1500-US Datasheet
4Mb / 1P
1500 VA/ 900W line interactive UPS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com