Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C3704 Datasheet (PDF) - TT Electronics.

C3704 Datasheet PDF - TT Electronics.
Part # C3704
Download  C3704 Download
File Size   230.85 Kbytes
Page   1 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 2.1mm 4WAY DC SPLITTER CABLE

C3704 Datasheet (PDF)

Go To PDF Page Download Datasheet
C3704 Datasheet PDF - TT Electronics.

Part # C3704
Download  C3704 Click to download

File Size   230.85 Kbytes
Page   1 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 2.1mm 4WAY DC SPLITTER CABLE

C3704 Datasheet (HTML) - TT Electronics.


C3704 Product details

Features:
• 4 Way DC Power Splitter Perfect for CCTV Security Cameras
• Plug Diameter: inner 2.1mm, 5.5mm outer
• Enables you to use one power supply for 2 DC Items
Description:
Our Range of 2.1mm splitter cables can be used in conjunction with any of our plug top or desk top power supplies. They have a 2.1mm socket on the input and terminates with either 2, 4 or 8 connectors according to your selection. These 2.1mm splitter cables enable you to power multiple units from just one power supply.




Similar Part No. - C3704

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C3704 HAMAMATSU-C3704 Datasheet
34Kb / 2P
UV TRON DRIVING CIRCUIT
More results


Similar Description - C3704

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
P222 ATM-P222 Datasheet
122Kb / 1P
2WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS
logo
Phihong USA Inc.
POE45-120 PHIHONG-POE45-120 Datasheet
546Kb / 3P
45W DC-DC Power Over Ethernet Splitter
logo
List of Unclassifed Man...
C4074 ETC1-C4074 Datasheet
162Kb / 1P
DC Power Adaptor, 2.5mm DC Socket to 2.1mm DC Plug
logo
Phihong USA Inc.
POE21-120F PHIHONG-POE21-120F Datasheet
119Kb / 2P
DC-DC Power over Ethernet Splitter
POE14-137 PHIHONG-POE14-137 Datasheet
134Kb / 2P
DC-DC Power over Ethernet Splitter
POE21-120H PHIHONG-POE21-120H Datasheet
105Kb / 2P
DC-DC Power over Ethernet Splitter
logo
List of Unclassifed Man...
JR8306-1.5M ETC2-JR8306-1.5M Datasheet
232Kb / 1P
2.1mm DC Plug to 2.1mm DC Jack
PPW00024 ETC2-PPW00024 Datasheet
157Kb / 1P
2.1mm DC Plug to Plug
logo
JFW Industries, Inc.
50PDA-096 JFW-50PDA-096 Datasheet
27Kb / 1P
4WAY POWER DIVIDER/COMBINER ASSEMBLY
logo
Mini-Circuits
ZN2PD-44-V MINI-ZN2PD-44-V Datasheet
212Kb / 2P
DC Pass Power Splitter/Combiner
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com