Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4349B Datasheet (PDF) - TT Electronics.

C4349B Datasheet PDF - TT Electronics.
Part # C4349B
Download  C4349B Download
File Size   186.99 Kbytes
Page   1 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 2.1mm DC POWER CONNECTORS- PUSH FIT

C4349B Datasheet (PDF)

Go To PDF Page Download Datasheet
C4349B Datasheet PDF - TT Electronics.

Part # C4349B
Download  C4349B Click to download

File Size   186.99 Kbytes
Page   1 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 2.1mm DC POWER CONNECTORS- PUSH FIT

C4349B Datasheet (HTML) - TT Electronics.


C4349B Product details

Features:
• Rated to 5A Max. up to 24Vdc
• Quick push fit terminals for + and—connection
• Attach in seconds to power your equipment
Description:
Our Range of 2.1mm Push Fit DC power connectors can greatly speed up the installation process, where multiple units need to be powered. Rated to 5 Amps max.




Similar Part No. - C4349B

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C434 COILCRAFT-C434 Datasheet
100Kb / 1P
Designer’s Kits
logo
General Cable Technolog...
C4344A GENERAL-C4344A Datasheet
59Kb / 1P
2C 16 AWG Solid BC Shielded PVC / PVC Fire Alarm / Life Safety Cable
C4347A GENERAL-C4347A Datasheet
211Kb / 1P
2C 14 AWG Solid BC OAS PVC / PVC Fire Alarm / Life Safety Cable
logo
TT Electronics.
C4348B TTELEC-C4348B Datasheet
194Kb / 1P
2.1mm DC POWER CONNECTORS- PUSH FIT
More results


Similar Description - C4349B

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
List of Unclassifed Man...
C4074 ETC1-C4074 Datasheet
162Kb / 1P
DC Power Adaptor, 2.5mm DC Socket to 2.1mm DC Plug
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
pUSH-pULL CONNECTORS
logo
List of Unclassifed Man...
HR10A-TC-02 ETC2-HR10A-TC-02 Datasheet
2Mb / 20P
Push-Pull Connectors
KPJX-PM-4S ETC2-KPJX-PM-4S Datasheet
2Mb / 2P
DC POWER CONNECTORS
KPJX-CM-4S ETC2-KPJX-CM-4S Datasheet
2Mb / 3P
DC POWER CONNECTORS
logo
Molex Electronics Ltd.
39-29-6148 MOLEX11-39-29-6148 Datasheet
50Kb / 2P
Mini-Fit Jr.??Power Connectors
39-30-1039 MOLEX11-39-30-1039 Datasheet
40Kb / 2P
Mini-Fit Jr.??Power Connectors
logo
List of Unclassifed Man...
JR8306-1.5M ETC2-JR8306-1.5M Datasheet
232Kb / 1P
2.1mm DC Plug to 2.1mm DC Jack
PPW00024 ETC2-PPW00024 Datasheet
157Kb / 1P
2.1mm DC Plug to Plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com