Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC1210A Datasheet (PDF) - TT Electronics.

APC1210A Datasheet PDF - TT Electronics.
Part # APC1210A
Download  APC1210A Download
File Size   537.0 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Anti-Sulphur Precision Chip

APC1210A Datasheet (PDF)

Go To PDF Page Download Datasheet
APC1210A Datasheet PDF - TT Electronics.

Part # APC1210A
Download  APC1210A Click to download

File Size   537.0 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Anti-Sulphur Precision Chip

APC1210A Datasheet (HTML) - TT Electronics.


APC1210A Product details

Precision thin film technology
Two grades of sulphur protection
Precision to ±0.05% and ±10ppm/°C
AEC-Q200 qualified option
Anti-sulphur tested to EIA-977 cond. B & ASTM-B-809-95 modified




Similar Part No. - APC1210A

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC12 ASTEC-APC12 Datasheet
183Kb / 2P
40 Watts
APC12 ASTEC-APC12 Datasheet
671Kb / 23P
Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
logo
Bel Fuse Inc.
APC1202 BEL-APC1202 Datasheet
57Kb / 1P
DC Metallic Loop Termination Module
logo
Astec America, Inc
APC12F03 ASTEC-APC12F03 Datasheet
183Kb / 2P
40 Watts
APC12F03 ASTEC-APC12F03 Datasheet
671Kb / 23P
Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
More results


Similar Description - APC1210A

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
logo
List of Unclassifed Man...
ASC0805-680KFT5 ETC2-ASC0805-680KFT5 Datasheet
120Kb / 2P
Anti Sulphur Chip Resistors
ASC1206-100KFT5 ETC2-ASC1206-100KFT5 Datasheet
120Kb / 2P
Anti Sulphur Chip Resistors
ASC2512-33RFT4 ETC2-ASC2512-33RFT4 Datasheet
144Kb / 2P
Anti Sulphur Chip Resistors
logo
Rohm
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
logo
List of Unclassifed Man...
BCN164A102J7 ETC2-BCN164A102J7 Datasheet
762Kb / 11P
Sulphur resistant version available
logo
KOA Speer Electronics, ...
CN-RT KOA-CN-RT Datasheet
393Kb / 2P
anti sulfuration chip networks
logo
TT Electronics.
ASC TTELEC-ASC_17 Datasheet
201Kb / 2P
Anti Sulphur Chip Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com