Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPAL005-0.5M Datasheet (PDF) - TT Electronics.

CPAL005-0.5M Datasheet PDF - TT Electronics.
Part # CPAL005-0.5M
Download  CPAL005-0.5M Download
File Size   267.59 Kbytes
Page   1 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description MICRO HDMI TO HDMI Cable, Braided

CPAL005-0.5M Datasheet (PDF)

Go To PDF Page Download Datasheet
CPAL005-0.5M Datasheet PDF - TT Electronics.

Part # CPAL005-0.5M
Download  CPAL005-0.5M Click to download

File Size   267.59 Kbytes
Page   1 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description MICRO HDMI TO HDMI Cable, Braided

CPAL005-0.5M Datasheet (HTML) - TT Electronics.


CPAL005-0.5M Product details

Features:
•Available lengths: 0.5m - 5m
•For use with mobile phones and other similar portable devices
•Supports 3D, 4k*2k, 10.2Gpbs, 2160P and XV colour
•Braiding for superior protection from abrasion
•Supports all HDMI devices
Description:
The Micro Aluminium HDMI Cable is a high performing HDMI cable with a robust aluminium head shell. The Micro connector is perfect for use with mobile phones and other portable devices - braided for durability, it offers a sensible solution and is easy to install. Guaranteed to satisfy the most demanding of HDMI devices, its low profile design allows a simple install whilst achieving highest levels of reliability.




Similar Part No. - CPAL005-0.5M

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CPAL001 TTELEC-CPAL001 Datasheet
221Kb / 1P
CUSTOM INSTALL CABLE HDMI SERIES
21/05/2020
CPAL001-3M TTELEC-CPAL001-3M Datasheet
221Kb / 1P
CUSTOM INSTALL CABLE HDMI SERIES
21/05/2020
CPAL001-5M TTELEC-CPAL001-5M Datasheet
221Kb / 1P
CUSTOM INSTALL CABLE HDMI SERIES
21/05/2020
CPAL001-7.5M TTELEC-CPAL001-7.5M Datasheet
221Kb / 1P
CUSTOM INSTALL CABLE HDMI SERIES
21/05/2020
CPAL002 TTELEC-CPAL002 Datasheet
254Kb / 2P
ALUMINIUM HDMI CABLE, BRAIDED
21/05/2020
More results


Similar Description - CPAL005-0.5M

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
687860007 MOLEX2-687860007 Datasheet
152Kb / 2P
MICRO HDMI TO HDMI A RECP ADAPTER
887689830 MOLEX2-887689830 Datasheet
291Kb / 4P
HDMI(M) TO HDMI(M) CABLE ASSY
logo
Tripp Lite. All Rights ...
P142000MICRO TRIPPLITE-P142000MICRO Datasheet
495Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F-M)
logo
Molex Electronics Ltd.
0687860002 MOLEX1-0687860002_18 Datasheet
32Kb / 1P
Micro HDMI-to-HDMI Cable Assembly, CAT 2, 34 AWG, 1.50m, Lead-Free
0687860003 MOLEX1-0687860003_18 Datasheet
33Kb / 1P
Micro HDMI-to-HDMI Cable Assembly, CAT 2, 32 AWG, 2.0m, Lead-Free
0687860004 MOLEX1-0687860004_18 Datasheet
33Kb / 1P
Micro HDMI-to-HDMI Cable Assembly, CAT 2, 34 AWG, 0.10m, Lead-Free
0887689800 MOLEX1-0887689800_18 Datasheet
34Kb / 1P
HDMI-to-HDMI Cable Assembly, 28 AWG, 1.0m Length
0687860001 MOLEX1-0687860001_18 Datasheet
33Kb / 1P
Micro HDMI-to-HDMI Cable Assembly, CAT 2, 34 AWG, 1.0m, Lead-Free
logo
Tripp Lite. All Rights ...
P142-000-MICRO TRIPPLITE-P142-000-MICRO Datasheet
171Kb / 2P
HDMI to Micro HDMI Adapter Converter, 1080p (F/M)
logo
IOGEAR
GDROAVC6 IOGEAR-GDROAVC6 Datasheet
164Kb / 3P
HDMI to HDMI Micro D Cable with Charge and Sync for Handheld Devices
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com