Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE5AR4770AG Datasheet (PDF) - Infineon Technologies AG

ICE5AR4770AG Datasheet PDF - Infineon Technologies AG
Part # ICE5AR4770AG
Download  ICE5AR4770AG Download
File Size   2365.44 Kbytes
Page   42 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Fixed Frequency 700 V/800 V CoolSET™ - in DSO- 12 Package

ICE5AR4770AG Datasheet (PDF)

Go To PDF Page Download Datasheet
ICE5AR4770AG Datasheet PDF - Infineon Technologies AG

Part # ICE5AR4770AG
Download  ICE5AR4770AG Click to download

File Size   2365.44 Kbytes
Page   42 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Fixed Frequency 700 V/800 V CoolSET™ - in DSO- 12 Package

ICE5AR4770AG Datasheet (HTML) - Infineon Technologies AG


ICE5AR4770AG Product details

Features
 Integrated 700 V/ 800 V avalanche rugged CoolMOS™
 Enhanced Active Burst Mode with selectable entry and exit standby power
 Digital frequency reduction for better overall system efficiency
 Fast startup achieved with cascode configuration
 DCM and CCM operation with slope compensation
 Frequency jitter and soft gate driving for low EMI
 Built-in digital soft start
 Integrated error amplifier to support direct feedback in non-isolated flyback
 Comprehensive protection with input line over voltage protection, VCC over voltage, VCC under
voltage, overload/open loop, over temperature and Current Sense (CS) short to GND
 All protections are in auto restart mode
 Limited charging current for VCC short to GND

Applications
 Auxiliary power supply for home appliances/white goods, TV, PC & server
 Blu-ray player, set-top box & LCD/LED monitor

Description
The ICE5xRxxxxAG is the 5th generation of fixed frequency integrated power IC (CoolSET™) optimized for off-line switch mode power supply in cascode configuration. The CoolSET™ package has 2 separate chips inside; one is controller chip and the other is a 700 V/ 800 V CoolMOS™ chip. The cascode configuration helps achieve fast startup. The frequency reduction with soft gate driving and frequency jitter operation offers lower EMI and better efficiency between light load and 50% load. The selectable entry and exit standby power ABM enables flexibility and ultra-low power consumption at standby mode with small and controllable output voltage ripple. The product has a wide operating range (10.0 ~ 25.5 V) of IC power supply and lower power consumption. The numerous protection functions with adjustable line over voltage protection support the power supply system in failure situations. All these make the 5th generation CoolSET™ series an outstanding integrated power stage fixed frequency flyback converter in the market.




Similar Part No. - ICE5AR4770AG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE5AR4770AG INFINEON-ICE5AR4770AG Datasheet
2Mb / 42P
The ICE5xRxxxxAG is the 5th generation of fixed
V 2.2 2018-03-02
More results


Similar Description - ICE5AR4770AG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3RBR0665JG INFINEON-ICE3RBR0665JG Datasheet
1Mb / 32P
Fixed-Frequency, 650V CoolSET??in DS0-12 Package
Revision 1.0 2016-05-12
ICE3AR2280JG INFINEON-ICE3AR2280JG Datasheet
1Mb / 40P
Fixed-Frequency, 800V CoolSET??in DS0-12 Package
Revision 1.0 2016-05-12
ICE3RBR4765JG INFINEON-ICE3RBR4765JG Datasheet
1Mb / 32P
ICE3RBR4765JG is modified from ICE3BRxx65J in DSO-12 package
Revision 1.1 2017-06-13
ICE5QR4770AZ INFINEON-ICE5QR4770AZ Datasheet
2Mb / 53P
Quasi-Resonant 700 V/800 V CoolSET
V 2.1 2017-08-11
ICE2QR4765G INFINEON-ICE2QR4765G_17 Datasheet
1Mb / 24P
Quasi-Resonant, 650V CoolSET in DS0-12 Package
Revision 2.3 2017-09-12
ICE2QR4780G INFINEON-ICE2QR4780G Datasheet
1Mb / 24P
Quasi-Resonant, 800V CoolSET in DS0-12 Package
Revision 1.1 2017-06-13
ICE2QR2280G INFINEON-ICE2QR2280G Datasheet
1Mb / 24P
Quasi-Resonant, 800 V CoolSET??in DS0-12 Package
Revision 2.2 2017-09-12
ICE2QR1080G INFINEON-ICE2QR1080G Datasheet
1Mb / 24P
Quasi-Resonant, 800V CoolSET??in DS0-12 Package
Revision 1.0 2016-05-12
ICE5QRXX80BG INFINEON-ICE5QRXX80BG Datasheet
2Mb / 39P
Quasi-Resonant 800 V CoolSET??- in DSO-12 Package
V 2.1 2020-01-21
ICE5XRXXXXXZ INFINEON-ICE5XRXXXXXZ Datasheet
2Mb / 40P
Fixed-frequency 800 V / 950 V CoolSET™ in DIP-7 package
Rev 1.1 2022-07-19
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com