Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0448EVS Datasheet (PDF) - Renesas Technology Corp

F0448EVS Datasheet PDF - Renesas Technology Corp
Part # F0448EVS
Download  F0448EVS Download
File Size   5151.68 Kbytes
Page   43 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz

F0448EVS Datasheet (PDF)

Go To PDF Page Download Datasheet
F0448EVS Datasheet PDF - Renesas Technology Corp

Part # F0448EVS
Download  F0448EVS Click to download

File Size   5151.68 Kbytes
Page   43 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz

F0448EVS Datasheet (HTML) - Renesas Technology Corp


F0448EVS Product details

Features
■ RF Frequency Range: 3.3GHz to 4.2GHz
■ Dual Channel RF amp and DSAs for Diversity / MIMO Receivers
■ < 2dB overshoot between DSA transitions
■ 13dB typical maximum gain at 3.6GHz
■ DSA0: Single 6dB coarse step
■ DSA1: 23dB total gain range in 1dB steps
■ DSA2: 18dB gain range in 6dB steps
■ +37dBm OIP3 at 3.6GHz
■ 6dB Noise figure at 3.6GHz
■ +5V Supply voltage
■ ICC = 220mA
■ Independent standby: 7mA standby current
■ SPI interface for DSA1
■ 1-bit control for DSA0
■ 2-bit control for DSA2
■ 50Ω input and output impedance
■ Internally matched
■ Temperature range: -40°C to +105°C
■ 6 × 6 × 0.75 mm, 36-QFN package




Similar Part No. - F0448EVS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F0448EVS RENESAS-F0448EVS Datasheet
3Mb / 35P
Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
More results


Similar Description - F0448EVS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2838 MAXIM-MAX2838 Datasheet
606Kb / 22P
3.3GHz to 3.9GHz Wireless Broadband RF Transceiver
Rev 1; 8/08
logo
Integrated Device Techn...
IDTF0480NBGI IDT-IDTF0480NBGI Datasheet
1Mb / 27P
Matched Broadband RF VGA
logo
Renesas Technology Corp
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
F0452C RENESAS-F0452C Datasheet
1Mb / 24P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
logo
Integrated Device Techn...
F0453B IDT-F0453B Datasheet
2Mb / 35P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
logo
Renesas Technology Corp
F0453C RENESAS-F0453C Datasheet
1Mb / 30P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
F0472 RENESAS-F0472 Datasheet
125Kb / 3P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com