Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA-NMSF Datasheet (PDF) - Infinite Electronics International, Inc.

AXA-NMSF Datasheet PDF - Infinite Electronics International, Inc.
Part # AXA-NMSF
Download  AXA-NMSF Download
File Size   86.1 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N MALE TO SMA FEMALE ADAPTER

AXA-NMSF Datasheet (PDF)

Go To PDF Page Download Datasheet
AXA-NMSF Datasheet PDF - Infinite Electronics International, Inc.

Part # AXA-NMSF
Download  AXA-NMSF Click to download

File Size   86.1 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N MALE TO SMA FEMALE ADAPTER

AXA-NMSF Datasheet (HTML) - Infinite Electronics International, Inc.


AXA-NMSF Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 1000V
FREQUENCY RANGE: 0~6 GHz
VOLTAGE RATING: 500V PEAK
INSERTION LOSS: .15 dB MAX

MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.




Similar Part No. - AXA-NMSF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXA-NMSM L-COM-AXA-NMSM Datasheet
30Kb / 1P
N-MALE TO SMA-MALE ADAPTOR
02/21/05
More results


Similar Description - AXA-NMSF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9081 PASTERNACK-PE9081 Datasheet
253Kb / 3P
SMA Female to N Male Adapter
PE9082 PASTERNACK-PE9082 Datasheet
253Kb / 3P
SMA Male to N Female Adapter
PE9430 PASTERNACK-PE9430 Datasheet
244Kb / 2P
Precision SMA Female to N Male Adapter
PE9433 PASTERNACK-PE9433 Datasheet
244Kb / 2P
Precision SMA Male to N Female Adapter
PE9082 PASTERNACK-PE9082 Datasheet
253Kb / 3P
SMA Male to N Female Adapter
logo
List of Unclassifed Man...
5010 ETC2-5010 Datasheet
132Kb / 1P
TYPE N FEMALE TO SMA MALE ADAPTER
logo
Pasternack Enterprises,...
PE9551 PASTERNACK-PE9551 Datasheet
357Kb / 4P
Bulkhead SMA Female to N Male Adapter
PE91337 PASTERNACK-PE91337 Datasheet
326Kb / 3P
Precision N Male to SMA Female Adapter
logo
Mini-Circuits
SFR-NM50 MINI-SFR-NM50 Datasheet
179Kb / 2P
Adapter SMA-Female to N-Male
NFFL-SM50 MINI-NFFL-SM50 Datasheet
195Kb / 2P
Adapter N-Female to SMA-Male
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com