Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXANMSM Datasheet (PDF) - Infinite Electronics International, Inc.

AXANMSM Datasheet PDF - Infinite Electronics International, Inc.
Part # AXANMSM
Download  AXANMSM Download
File Size   30.54 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N-MALE TO SMA-MALE ADAPTOR

AXANMSM Datasheet (PDF)

Go To PDF Page Download Datasheet
AXANMSM Datasheet PDF - Infinite Electronics International, Inc.

Part # AXANMSM
Download  AXANMSM Click to download

File Size   30.54 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N-MALE TO SMA-MALE ADAPTOR

AXANMSM Datasheet (HTML) - Infinite Electronics International, Inc.


AXANMSM Product details

ELECTRICAL:
IMPEDENCE: 50 OHMS
FREQUENCY RANGE: DC~11 GHz
INSERTION LOSS: .15 dB MAX
VOLTAGE RATING: 500 VOLTSEAK
DIELECTRIC WITHSTANDING VOLTAGE: 1000V RMS

MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.




Similar Part No. - AXANMSM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXANMSF L-COM-AXANMSF Datasheet
86Kb / 1P
N MALE TO SMA FEMALE ADAPTER
01/29/13
More results


Similar Description - AXANMSM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9069 PASTERNACK-PE9069 Datasheet
250Kb / 3P
SMA Male to SMA Male Adapter
PE9080 PASTERNACK-PE9080 Datasheet
253Kb / 3P
SMA Male to N Male Adapter
PE9431 PASTERNACK-PE9431 Datasheet
259Kb / 3P
Precision SMA Male to N Male Adapter
PE304 PASTERNACK-PE304 Datasheet
239Kb / 4P
SMA Male to N Male Precision Cable
logo
List of Unclassifed Man...
5006 ETC2-5006 Datasheet
134Kb / 1P
TYPE N MALE TO SMA MALE ADAPTER
ADP-SMAM-RPSF ETC2-ADP-SMAM-RPSF Datasheet
120Kb / 1P
SMA MALE TO RP-SMA FEMALE ADAPTOR
CONREVSMA010 ETC2-CONREVSMA010 Datasheet
127Kb / 1P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTOR
CONSMA010 ETC2-CONSMA010 Datasheet
129Kb / 1P
SMA MALE TO SMA FEMALE RIGHT ANGLE ADAPTOR
logo
Linx Technologies
ADP-RPSM-SMAF LINX-ADP-RPSM-SMAF Datasheet
190Kb / 1P
RP-SMA MALE TO SMA FEMALE ADAPTOR
ADP-SMAM-SMAM LINX-ADP-SMAM-SMAM Datasheet
219Kb / 1P
SMA MALE TO SMA MALE ADAPTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com