Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5LE-1 Datasheet (PDF) - Omron Electronics LLC

G5LE-1 Datasheet PDF - Omron Electronics LLC
Part # G5LE-1
Download  G5LE-1 Download
File Size   890.54 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Cubic, Single-pole 10A Power Relay

G5LE-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
G5LE-1 Datasheet PDF - Omron Electronics LLC

Part # G5LE-1
Download  G5LE-1 Click to download

File Size   890.54 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Cubic, Single-pole 10A Power Relay

G5LE-1 Datasheet (HTML) - Omron Electronics LLC


G5LE-1 Product details

• Ideal for a wide variety of applications such as home appliances, OA equipments, vending machines, etc.
• Ambient Operating Temperature 85°C
• UL class-B coil insulation for standard model.
• UL, CSA, EN standards approved and conforms to Electrical Appliance and Material Safety Law (300 V max.).

■Application Examples
• Home appliances
• OA equipments
• Vending machines




Similar Part No. - G5LE-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LE-1 OMRON-G5LE-1 Datasheet
116Kb / 5P
PCB Relay
G5LE-1 OMRON-G5LE-1 Datasheet
154Kb / 5P
ACUBIC, SINGLE-POLE 10-A POWER RELAY
G5LE-1 OMRON-G5LE-1 Datasheet
828Kb / 8P
PCB Relay
G5LE-1 OMRON-G5LE-1 Datasheet
751Kb / 6P
A Cubic, Single-pole 10-A Power Relay
G5LE-1 OMRON-G5LE-1 Datasheet
96Kb / 3P
PCB Relay
More results


Similar Description - G5LE-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LE-14-DC24 OMRON-G5LE-14-DC24 Datasheet
751Kb / 6P
A Cubic, Single-pole 10-A Power Relay
G5LA-1-DC5 OMRON-G5LA-1-DC5 Datasheet
269Kb / 6P
A Cubic, Single-pole 10A Power Relay
G5LA-14-DC24 OMRON-G5LA-14-DC24 Datasheet
269Kb / 6P
A Cubic, Single-pole 10A Power Relay
G5LA14CFDC24 OMRON-G5LA14CFDC24 Datasheet
555Kb / 5P
A Cubic, Single-pole 10A Power Relay
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
A Cubic, Single-pole 10A Power Relay
logo
List of Unclassifed Man...
G5LA1ECF12DC ETC2-G5LA1ECF12DC Datasheet
176Kb / 5P
A Cubic, Single-pole 10A Power Relay
logo
Omron Electronics LLC
G5LA14DC12 OMRON-G5LA14DC12 Datasheet
269Kb / 6P
A Cubic, Single-pole 10A Power Relay
G5LE14DC12 OMRON-G5LE14DC12 Datasheet
751Kb / 6P
A Cubic, Single-pole 10-A Power Relay
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
A Cubic, Single-pole 10A Power Relay
G5LE OMRON-G5LE_V01 Datasheet
137Kb / 4P
Cubic, Single-pole 10A Power Relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com