Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXAPDMDF Datasheet (PDF) - Infinite Electronics International, Inc.

AXAPDMDF Datasheet PDF - Infinite Electronics International, Inc.
Part # AXAPDMDF
Download  AXAPDMDF Download
File Size   32.56 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 7/16 DIN MALE TO 7/16 DIN FEMALE ADAPTER PIM RATED

AXAPDMDF Datasheet (PDF)

Go To PDF Page Download Datasheet
AXAPDMDF Datasheet PDF - Infinite Electronics International, Inc.

Part # AXAPDMDF
Download  AXAPDMDF Click to download

File Size   32.56 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 7/16 DIN MALE TO 7/16 DIN FEMALE ADAPTER PIM RATED

AXAPDMDF Datasheet (HTML) - Infinite Electronics International, Inc.


AXAPDMDF Product details

ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: DC-3GHz
VSWR: < 1.1 (DC-3GHz)
PASSIVE INTERMODULATION(PIM): < -160dBc
DIELECTRIC WITHSTANDING VOLTAGE: 4000V
INSERTION LOSS: < .05 dB@900MHz
INSULATION RESISTANCE: > 1000M OHM
CONTACT RESISTANCE:
CENTER CONTACT: < 0.4m OHM
OUTER CONTACT: <

MECHANICAL:
DURABILITY: > 500
INTERFACE DIMENSIONS CONFORMABLE TO IEC 60169

PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PKG-00012




Similar Part No. - AXAPDMDF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXAPDMDM L-COM-AXAPDMDM Datasheet
29Kb / 1P
7/16 DIN MALE TO 7/16 DIN MALE ADAPTER PIM RATED
09/28/15
More results


Similar Description - AXAPDMDF

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6257 POMONA-6257 Datasheet
68Kb / 1P
7/16 DIN Adapter 7/16 DIN Male To N Female
logo
Pasternack Enterprises,...
PE9409 PASTERNACK-PE9409 Datasheet
251Kb / 2P
7/16 DIN Female to 7/16 DIN Female Adapter
PE9410 PASTERNACK-PE9410 Datasheet
255Kb / 3P
7/16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE9555 PASTERNACK-PE9555 Datasheet
249Kb / 3P
7/16 DIN Male to 7/16 DIN Male Adapter
PE91028 PASTERNACK-PE91028 Datasheet
362Kb / 3P
Precision 7/16 DIN Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91029 PASTERNACK-PE91029 Datasheet
353Kb / 3P
Precision 7/16 DIN Female to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91027 PASTERNACK-PE91027 Datasheet
204Kb / 3P
Precision 7 - 16 DIN Male to 7 - 16 DIN Female Adapter
PE91117 PASTERNACK-PE91117 Datasheet
235Kb / 3P
7 - 16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE91191 PASTERNACK-PE91191 Datasheet
375Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 Mated
PE91228 PASTERNACK-PE91228 Datasheet
377Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Female Adapter IP67 UnMated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com