Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA-PDMDM Datasheet (PDF) - Infinite Electronics International, Inc.

AXA-PDMDM Datasheet PDF - Infinite Electronics International, Inc.
Part # AXA-PDMDM
Download  AXA-PDMDM Download
File Size   29.75 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 7/16 DIN MALE TO 7/16 DIN MALE ADAPTER PIM RATED

AXA-PDMDM Datasheet (PDF)

Go To PDF Page Download Datasheet
AXA-PDMDM Datasheet PDF - Infinite Electronics International, Inc.

Part # AXA-PDMDM
Download  AXA-PDMDM Click to download

File Size   29.75 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 7/16 DIN MALE TO 7/16 DIN MALE ADAPTER PIM RATED

AXA-PDMDM Datasheet (HTML) - Infinite Electronics International, Inc.


AXA-PDMDM Product details

ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: DC-3GHz
VSWR: < 1.1 (DC-3GHz)
PASSIVE INTERMODULATION(PIM): < -160dBc
DIELECTRIC WITHSTANDING VOLTAGE: 4000V
INSERTION LOSS: < .05 dB@900MHz
INSULATION RESISTANCE: > 1000M OHM
CONTACT RESISTANCE:
CENTER CONTACT: < 0.4m OHM
OUTER CONTACT: < 0.2m OHM

MECHANICAL:
DURABILITY: > 500
INTERFACE DIMENSIONS CONFORMABLE TO IEC 60169

PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPEC




Similar Part No. - AXA-PDMDM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXA-PDMDF L-COM-AXA-PDMDF Datasheet
32Kb / 1P
7/16 DIN MALE TO 7/16 DIN FEMALE ADAPTER PIM RATED
09/28/15
More results


Similar Description - AXA-PDMDM

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6256 POMONA-6256 Datasheet
124Kb / 1P
7/16 DIN Adapter 7/16 DIN Male to Type N Male
6257 POMONA-6257 Datasheet
68Kb / 1P
7/16 DIN Adapter 7/16 DIN Male To N Female
logo
Pasternack Enterprises,...
PE9555 PASTERNACK-PE9555 Datasheet
249Kb / 3P
7/16 DIN Male to 7/16 DIN Male Adapter
PE91028 PASTERNACK-PE91028 Datasheet
362Kb / 3P
Precision 7/16 DIN Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91039 PASTERNACK-PE91039 Datasheet
360Kb / 3P
Precision 7/16 DIN Male to 7/16 DIN Male Adapter Low PIM, Low VSWR
PE91088 PASTERNACK-PE91088 Datasheet
360Kb / 3P
Low PIM 7 - 16 DIN Male to 4.1/9.5 Mini DIN Male Adapter
PE91027 PASTERNACK-PE91027 Datasheet
204Kb / 3P
Precision 7 - 16 DIN Male to 7 - 16 DIN Female Adapter
PE91117 PASTERNACK-PE91117 Datasheet
235Kb / 3P
7 - 16 DIN Male to 7/16 DIN Female Right Angle Adapter
PE91190 PASTERNACK-PE91190 Datasheet
373Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 Mated
PE91227 PASTERNACK-PE91227 Datasheet
373Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 UnMated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com