Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD2104 Datasheet (PDF) - Texas Instruments

CDCLVD2104 Datasheet PDF - Texas Instruments
Part # CDCLVD2104
Download  CDCLVD2104 Download
File Size   579.95 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 1:4 Low Additive Jitter LVDS Buffer

CDCLVD2104 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCLVD2104 Datasheet PDF - Texas Instruments

Part # CDCLVD2104
Download  CDCLVD2104 Click to download

File Size   579.95 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 1:4 Low Additive Jitter LVDS Buffer

CDCLVD2104 Datasheet (HTML) - Texas Instruments


CDCLVD2104 Product details

1FEATURES
• Dual 1:4 Differential Buffer
• Low Additive Jitter <300 fs, RMS in
10 kHz to 20 MHz
• Low Within Bank Output Skew of 35ps (Max)
• Universal Inputs Accept LVDS, LVPECL,
LVCMOS
• One Input Dedicated for Four Output Buffers
• 8 LVDS Outputs, ANSI EIA/TIA-644A Standard
Compatible
• Clock Frequency up to 800 MHz
• 2.375–2.625V Device Power Supply
• LVDS Reference Voltage, V AC_REF, Available for
Capacitive Coupled Inputs
• Industrial Temperature Range –40°C to 85°C
• Packaged in 5mm × 5mm 28-Pin QFN (RHD)
• ESD Protection Exceeds 3 kV HBM, 1 kV CDM

APPLICATIONS
• Telecommunications/Networking
• Medical Imaging
• Test and Measurement Equipment
• Wireless Communications
• General Purpose Clocking

DESCRIPTION
The CDCLVD2104 clock buffer distributes two clock
inputs (IN0, IN1) to a total of 8 pairs of differential
LVDS clock outputs (OUT0, OUT7). Each buffer block
consists of one input and 4 LVDS outputs. The inputs
can either be LVDS, LVPECL, or LVCMOS.
The CDCLVD2104 is specifically designed for driving
50-Ω transmission lines. If the input is in single ended
mode, the appropriate bias voltage (VAC_REF) should
be applied to the unused negative input pin.
Using the control pin (EN), outputs can be either
disabled or enabled. If the EN pin is left open two
buffers with all outputs are enabled, if switched to a
logical "0" both buffers with all outputs are disabled
(static logical “0”), if switched to a logical "1", one
buffer with four outputs is disabled and another buffer
with four outputs is enabled. The part supports a fail
safe function. It incorporates an input hysteresis,
which prevents random oscillation of the outputs in
absence of an input signal.
The device operates in 2.5V supply environment and
is characterized from –40°C to 85°C (ambient
temperature). The CDCLVD2104 is packaged in
small 28-pin, 5-mm × 5-mm QFN package.




Similar Part No. - CDCLVD2104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD2104 TI1-CDCLVD2104 Datasheet
782Kb / 21P
Dual 1:4 Low Additive Jitter LVDS Buffer
CDCLVD2104RHDR TI1-CDCLVD2104RHDR Datasheet
782Kb / 21P
Dual 1:4 Low Additive Jitter LVDS Buffer
CDCLVD2104RHDT TI1-CDCLVD2104RHDT Datasheet
782Kb / 21P
Dual 1:4 Low Additive Jitter LVDS Buffer
More results


Similar Description - CDCLVD2104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1213 TI1-CDCLVD1213 Datasheet
717Kb / 17P
1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2104 TI1-CDCLVD2104 Datasheet
782Kb / 21P
Dual 1:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106 Datasheet
706Kb / 21P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
Dual 1:8 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com