Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCU2A877ZQL Datasheet (PDF) - Texas Instruments

CDCU2A877ZQL Datasheet PDF - Texas Instruments
Part # CDCU2A877ZQL
Download  CDCU2A877ZQL Download
File Size   603.06 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.8-V PHASE LOCK LOOP CLOCK DRIVER

CDCU2A877ZQL Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCU2A877ZQL Datasheet PDF - Texas Instruments

Part # CDCU2A877ZQL
Download  CDCU2A877ZQL Click to download

File Size   603.06 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.8-V PHASE LOCK LOOP CLOCK DRIVER

CDCU2A877ZQL Datasheet (HTML) - Texas Instruments


CDCU2A877ZQL Product details

FEATURES
· 1.8-V/1.9-V Phase Lock Loop Clock Driver for
Double Data Rate ( DDR II ) Applications
· Spread Spectrum Clock Compatible
· Operating Frequency: 125 MHz to 410 MHz
· Application Frequency: 160 MHz to 410 MHz
· Low Jitter (Cycle-Cycle): ±40 ps
· Low Output Skew: 35 ps
· Stabilization Time <6 μs
· Distributes One Differential Clock Input to 10
Differential Outputs
· High-Drive Version of CDCUA877
· 52-Ball mBGA (MicroStar Junior™ BGA,
0,65-mm pitch)
· External Feedback Pins ( FBIN, FBIN ) are
Used to Synchronize the Outputs to the Input
Clocks
· Meets or Exceeds CUA877/CUA878
Specification PLL Standard for
PC2-3200/4300/5300/6400
· Fail-Safe Inputs

DESCRIPTION
The CDCU2A877 is a high-performance, low-jitter, low-skew, zero-delay buffer that distributes a differential clock
input pair (CK, CK) to 10 differential pairs of clock outputs (Yn, Yn) and to one differential pair of feedback clock
outputs (FBOUT, FBOUT). The clock outputs are controlled by the input clocks (CK, CK), the feedback clocks
(FBIN, FBIN), the LVCMOS control pins (OE, OS), and the analog power input (AVDD). When OE is low, the
clock outputs, except FBOUT/FBOUT, are disabled while the internal PLL continues to maintain its locked-in
frequency. OS (output select) is a program pin that must be tied to GND or VDD. When OS is high, OE functions
as previously described. When OS and OE are both low, OE has no affect on Y7/Y7, they are free running.
When AVDD is grounded, the PLL is turned off and bypassed for test purposes.
When both clock inputs (CK, CK) are logic low, the device enters in a low power mode. An input logic detection
circuit on the differential inputs, independent from input buffers, detects the logic low level and performs in a low
power state where all outputs, the feedback, and the PLL are off. When the clock inputs transition from being
logic low to being differential signals, the PLL turns back on, the inputs and the outputs are enabled, and the
PLL obtains phase lock between the feedback clock pair (FBIN, FBIN) and the clock input pair (CK, CK) within
the specified stabilization time.
The CDCU2A877 is able to track spread spectrum clocking (SSC) for reduced EMI. This device operates from
0°C to 70°C.




Similar Part No. - CDCU2A877ZQL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCU2A877ZQL TI-CDCU2A877ZQL Datasheet
370Kb / 14P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877ZQL TI-CDCU2A877ZQL Datasheet
613Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877ZQL TI-CDCU2A877ZQL Datasheet
613Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877ZQLR TI-CDCU2A877ZQLR Datasheet
370Kb / 14P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877ZQLR TI-CDCU2A877ZQLR Datasheet
613Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
More results


Similar Description - CDCU2A877ZQL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCU2A877 TI-CDCU2A877 Datasheet
370Kb / 14P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCUA877 TI-CDCUA877 Datasheet
579Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCUA877 TI-CDCUA877_1 Datasheet
615Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877 TI-CDCU2A877_1 Datasheet
613Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877A TI-CDCU877A Datasheet
945Kb / 23P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877ZQLT TI-CDCU877ZQLT Datasheet
945Kb / 23P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877 TI1-CDCU877_17 Datasheet
1Mb / 23P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877 TI-CDCU2A877_V01 Datasheet
613Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877 TI-CDCU877_V01 Datasheet
1Mb / 23P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCUA877 TI-CDCUA877_V01 Datasheet
615Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com