Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCV304 Datasheet (PDF) - Texas Instruments

CDCV304 Datasheet PDF - Texas Instruments
Part # CDCV304
Download  CDCV304 Download
File Size   548.86 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCV304 200-MHz General-Purpose Clock Buffer, PCI-X Compliant

CDCV304 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCV304 Datasheet PDF - Texas Instruments

Part # CDCV304
Download  CDCV304 Click to download

File Size   548.86 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCV304 200-MHz General-Purpose Clock Buffer, PCI-X Compliant

CDCV304 Datasheet (HTML) - Texas Instruments


CDCV304 Product details

1 Features
1• General-Purpose and PCI-X 1:4 Clock Buffer
• Operating Frequency
– 0 MHz to 200 MHz General-Purpose
• Low Output Skew: <100 ps
• Distributes One Clock Input to One Bank of Four
Outputs
• Output Enable Control that Drives Outputs Low
when OE is Low
• Operates from Single 3.3-V Supply or 2.5-V
Supply
• PCI-X Compliant
• 8-Pin TSSOP Package

2 Description
The CDCV304 is a high-performance, low-skew,
general-purpose PCI-X compliant clock buffer. It
distributes one input clock signal (CLKIN) to the
output clocks (1Y[0:3]). It is specifically designed for
use with PCI-X applications. The CDCV304 operates
at 3.3 V and 2.5 V and is therefore compliant to the
3.3-V PCI-X specifications.
The CDCV304 is characterized for operation from
–40°C to 85°C for automotive and industrial
applications.




Similar Part No. - CDCV304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
140-MHz PCI-X CLOCK BUFFER
CDCV304 TI-CDCV304 Datasheet
293Kb / 12P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304 TI1-CDCV304 Datasheet
506Kb / 14P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304 TI2-CDCV304 Datasheet
505Kb / 15P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
MARCH 2012
CDCV304-EP TI1-CDCV304-EP Datasheet
502Kb / 13P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
More results


Similar Description - CDCV304

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2002P PHILIPS-PCK2002P Datasheet
74Kb / 8P
140 MHz PCI-X clock buffer
2001 May 09
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
140-MHz PCI-X CLOCK BUFFER
logo
PulseCore Semiconductor
ASM2P2304NZ PULSECORE-ASM2P2304NZ Datasheet
175Kb / 9P
Four Output PCI-X and General Purpose Buffer
logo
Texas Instruments
CDCV304 TI-CDCV304_09 Datasheet
293Kb / 12P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
logo
Texas Instruments
CDCV304-EP TI1-CDCV304-EP Datasheet
502Kb / 13P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
CDCV304 TI1-CDCV304_12 Datasheet
506Kb / 14P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
logo
NXP Semiconductors
PCK2002PLPWDH-T NXP-PCK2002PLPWDH-T Datasheet
58Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002PLPW PHILIPS-PCK2002PLPW Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
logo
Texas Instruments
CDCV304-EP TI1-CDCV304-EP_18 Datasheet
950Kb / 15P
200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com