Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC001 Datasheet (PDF) - Texas Instruments

CLC001 Datasheet PDF - Texas Instruments
Part # CLC001
Download  CLC001 Download
File Size   603.96 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CLC001 Serial Digital Cable Driver with Adjustable Outputs

CLC001 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC001 Datasheet PDF - Texas Instruments

Part # CLC001
Download  CLC001 Click to download

File Size   603.96 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CLC001 Serial Digital Cable Driver with Adjustable Outputs

CLC001 Datasheet (HTML) - Texas Instruments


CLC001 Product details

General Description
The CLC001 is a monolithic, high-speed cable driver designed
for use in SMPTE 259M serial digital video and ITU-T
G.703 serial digital data transmission applications. The
CLC001 drives 75Ω transmission lines (Belden 8281 or
equivalent) at data rates up to 622 Mbps. Controlled output
rise and fall times (400 ps typical) minimize transitioninduced
jitter. The output voltage swing is adjustable from
800 mVp-p to 1.0 Vp-p using an external resistor.
The CLC001’s output stage consumes less power than other
designs. The differential inputs accept LVDS signal levels,
LVPECL levels directly or PECL with attenuation networks.
All these make the CLC001 an excellent general purpose
high speed driver for high-speed, long distance data transmission
applications.
The CLC001 is powered from a single +3.3V supply and
comes in a small 8-pin SOIC package.

Key Specifications
400 ps rise and fall times
Data rates to 622 Mbps
100 mV differential input threshold
Low residual jitter

Features
Adjustable output amplitude
Differential input and output
Accepts LVPECL or LVDS input swings
Low power dissipation
Single +3.3V supply

Applications
Digital routers and distribution amplifiers
Coaxial cable driver for digital transmission lines
Twisted pair driver
Serial digital video interfaces for the commercial and
broadcast industry
SMPTE, Sonet/SDH, and ATM compatible driver
Buffer applications




Similar Part No. - CLC001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 NSC-CLC001 Datasheet
567Kb / 11P
Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC001 TI-CLC001 Datasheet
569Kb / 13P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001 Datasheet
604Kb / 14P
Serial Digital Cable Driver with Adjustable Outputs
logo
National Semiconductor ...
CLC001AJE NSC-CLC001AJE Datasheet
155Kb / 10P
Serial Digital Cable Driver with Adjustable Outputs
More results


Similar Description - CLC001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
CLC007 NSC-CLC007 Datasheet
136Kb / 10P
Serial Digital Cable Driver with Dual Complementary Outputs
logo
List of Unclassifed Man...
GS9008 ETC-GS9008 Datasheet
70Kb / 4P
Cable Driver with Two Adjustable Outputs
logo
Gennum Corporation
GS9028 GENNUM-GS9028 Datasheet
106Kb / 7P
Cable Driver with Two Adjustable Outputs
logo
National Semiconductor ...
CLC001 NSC-CLC001_06 Datasheet
567Kb / 11P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC006BM TI-CLC006BM Datasheet
933Kb / 16P
CLC006 Serial Digital Cable Driver with Adjustable Outputs
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
Serial Digital Cable Driver with Adjustable Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com