Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA-RTPRTJ90 Datasheet (PDF) - Infinite Electronics International, Inc.

AXA-RTPRTJ90 Datasheet PDF - Infinite Electronics International, Inc.
Part # AXA-RTPRTJ90
Download  AXA-RTPRTJ90 Download
File Size   33.94 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description RP-TNC Plug to RP-TNC Jack Right Angle

AXA-RTPRTJ90 Datasheet (PDF)

Go To PDF Page Download Datasheet
AXA-RTPRTJ90 Datasheet PDF - Infinite Electronics International, Inc.

Part # AXA-RTPRTJ90
Download  AXA-RTPRTJ90 Click to download

File Size   33.94 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description RP-TNC Plug to RP-TNC Jack Right Angle

AXA-RTPRTJ90 Datasheet (HTML) - Infinite Electronics International, Inc.


AXA-RTPRTJ90 Product details

ELECTRICAL:
IMPEDENCE: 50 OHMS
VOLTAGE RATING: 500 VOLTS PEAK
WITHSTAND VOLTAGE: 1000V
FREQUENCY RANGE: DC~6 GHz
INSERTION LOSS: .2 dB MAX

MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.




Similar Part No. - AXA-RTPRTJ90

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXA-RTPRTP L-COM-AXA-RTPRTP Datasheet
120Kb / 1P
ADAPTER, RP TNC PLUG/RP TNC PLUG
4/20/10
More results


Similar Description - AXA-RTPRTJ90

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73053 POMONA-73053 Datasheet
114Kb / 1P
TNC Right-Angle Jack to Plug Adapter
logo
Amphenol Corporation
031-5679 AMPHENOL-031-5679 Datasheet
567Kb / 1P
Reverse Polarity RP-TNC Connectors
31-6502 AMPHENOL-31-6502 Datasheet
148Kb / 1P
TNC RP STR PLUG IP67 FOR LMR-200 CABLE
31-6506 AMPHENOL-31-6506 Datasheet
146Kb / 1P
TNC STR JACK RP IP-67 FOR LMR-200 CABLE
logo
Pasternack Enterprises,...
PE4678 PASTERNACK-PE4678 Datasheet
226Kb / 2P
RP TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
logo
List of Unclassifed Man...
ANT-DB1-HDP-TNC ETC2-ANT-DB1-HDP-TNC Datasheet
218Kb / 1P
TNC, SMA, or RP-SMA connector
ANT-DB1-RMS-RPS ETC2-ANT-DB1-RMS-RPS Datasheet
185Kb / 1P
RP-SMA or TNC connector
ANT-DB1-VDP-TNC ETC2-ANT-DB1-VDP-TNC Datasheet
197Kb / 1P
TNC, SMA or RP-SMA connector
logo
Molex Electronics Ltd.
0733861580 MOLEX11-0733861580 Datasheet
39Kb / 1P
75 Ohms, N Plug to TNC Jack RP Straight, IP-68
0733861580 MOLEX-0733861580_V01 Datasheet
36Kb / 1P
75 Ohms, N Plug to TNC Jack RP Straight, IP-68
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com