Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC007BM/NOPB Datasheet (PDF) - Texas Instruments

CLC007BM/NOPB Datasheet PDF - Texas Instruments
Part # CLC007BM/NOPB
Download  CLC007BM/NOPB Download
File Size   549.8 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CLC007 Serial Digital Cable Driver with Dual Complementary Outputs

CLC007BM/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC007BM/NOPB Datasheet PDF - Texas Instruments

Part # CLC007BM/NOPB
Download  CLC007BM/NOPB Click to download

File Size   549.8 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CLC007 Serial Digital Cable Driver with Dual Complementary Outputs

CLC007BM/NOPB Datasheet (HTML) - Texas Instruments


CLC007BM/NOPB Product details

1FEATURES
2• No External Pull-Down Resistors
• Differential Input and Output
• Low Power Dissipation
• Single +5V or −5.2V Supply
• Replaces GS9007 in Most Applications

APPLICATIONS
• Digital Routers and Distribution Amplifiers
• Coaxial Cable Driver for Digital Transmission
Line
• Twisted Pair Driver
• Digital Distribution Amplifiers
• SMPTE, Sonet/SDH, and ATM Compatible
Driver
• Buffer Applications

KEY SPECIFICATION
• 650 ps Rise and Fall Times
• Data Rates to 400 Mbps
• 2 Sets of Complimentary Outputs
• 200 mV Differential Input
• Low Residual Jitter (25 pspp)

DESCRIPTION
The Texas Instruments Comlinear CLC007 is a
monolithic, high-speed cable driver designed for the
SMPTE 259M serial digital video data transmission
standard. The CLC007 drives 75Ω transmission lines
(Belden 8281 or equivalent) at data rates up to 400
Mbps. Controlled output rise and fall times (750 ps typical) minimize transition-induced jitter. The output
voltage swing, typically 1.65V, set by an accurate,
low-drift internal bandgap reference, delivers an 800
mV swing to back-matched and terminated 75Ω
cable.
The CLC007’s class AB output stage consumes less
power than other designs, 195 mW with all outputs
terminated, and requires no external bias resistors.
The differential inputs accept a wide range of digital
signals from 200 mVP-P to ECL levels within the
specified common-mode limits. All this make the
CLC007 an excellent general purpose high speed
driver for digital applications.
The CLC007 is powered from a single +5V or −5.2V
supply and comes in an 8-pin SOIC package.




Similar Part No. - CLC007BM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC007BM/NOPB TI-CLC007BM/NOPB Datasheet
845Kb / 15P
CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
More results


Similar Description - CLC007BM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
CLC007 NSC-CLC007 Datasheet
136Kb / 10P
Serial Digital Cable Driver with Dual Complementary Outputs
CLC001 NSC-CLC001_06 Datasheet
567Kb / 11P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
CLC007 NSC-CLC007_07 Datasheet
269Kb / 10P
Serial Digital Cable Driver with Dual Complementary
logo
Texas Instruments
CLC007BM TI-CLC007BM Datasheet
845Kb / 15P
CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
CLC006BM TI-CLC006BM Datasheet
933Kb / 16P
CLC006 Serial Digital Cable Driver with Adjustable Outputs
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
Serial Digital Cable Driver with Adjustable Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com