Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD13306WT Datasheet (PDF) - Texas Instruments

CSD13306WT Datasheet PDF - Texas Instruments
Part # CSD13306WT
Download  CSD13306WT Download
File Size   672.35 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD13306W 12 V N Channel NexFET™ Power MOSFET

CSD13306WT Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD13306WT Datasheet PDF - Texas Instruments

Part # CSD13306WT
Download  CSD13306WT Click to download

File Size   672.35 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD13306W 12 V N Channel NexFET™ Power MOSFET

CSD13306WT Datasheet (HTML) - Texas Instruments


CSD13306WT Product details

1 Features
1• Ultra Low on Resistance
• Low Qg and Qgd
• Small Footprint 1 × 1.5 mm
• Low Profile 0.62 mm Height
• Pb Free
• RoHS Compliant
• Halogen Free

2 Applications
• Battery Management
• Load Switch
• Battery Protection

3 Description
This 8.8 mΩ, 12 V, N-Channel device is designed to
deliver the lowest on resistance and gate charge in a
small 1 x 1.5 mm outline with excellent thermal
characteristics and an ultra low profile.




Similar Part No. - CSD13306WT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13306WT TI-CSD13306WT Datasheet
616Kb / 12P
CSD13306W 12 V N Channel NexFET??Power MOSFET
More results


Similar Description - CSD13306WT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
100 V N-Channel NexFET Power MOSFET
CSD83325L TI1-CSD83325L Datasheet
639Kb / 11P
12 V Dual N-Channel NexFET??Power MOSFET
CSD13302W TI-CSD13302W_15 Datasheet
1Mb / 15P
CSD13302W 12 V N Channel NexFET??Power MOSFET
CSD13306W TI-CSD13306W_15 Datasheet
1Mb / 17P
CSD13306W 12 V N Channel NexFETv Power MOSFET
CSD23202W10 TI-CSD23202W10_15 Datasheet
1,023Kb / 15P
CSD23202W10 12-V P-Channel NexFET Power MOSFET
CSD83325L TI1-CSD83325L_16 Datasheet
1Mb / 14P
12 V Dual N-Channel NexFET Power MOSFET
CSD13302W TI1-CSD13302W_16 Datasheet
492Kb / 12P
CSD13302W 12 V N Channel NexFET??Power MOSFET
CSD13306W TI-CSD13306W Datasheet
616Kb / 12P
CSD13306W 12 V N Channel NexFET??Power MOSFET
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
12-V P-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
40-V N-Channel NexFET Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com