Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87502Q2 Datasheet (PDF) - Texas Instruments

CSD87502Q2 Datasheet PDF - Texas Instruments
Part # CSD87502Q2
Download  CSD87502Q2 Download
File Size   655.01 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD87502Q2 30 V Dual N-Channel NexFET™ Power MOSFETs

CSD87502Q2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD87502Q2 Datasheet PDF - Texas Instruments

Part # CSD87502Q2
Download  CSD87502Q2 Click to download

File Size   655.01 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD87502Q2 30 V Dual N-Channel NexFET™ Power MOSFETs

CSD87502Q2 Datasheet (HTML) - Texas Instruments


CSD87502Q2 Product details

1 Features
1• Low On-Resistance
• Dual Independent MOSFETs
• Space Saving SON 2 × 2 mm Plastic Package
• Optimized for 5 V Gate Driver
• Avalanche Rated
• Pb and Halogen Free
• RoHS Compliant

2 Applications
• Point-of-Load Synchronous Buck Converter for
Applications in Networking, Telecom, and
Computing Systems
• Adaptor or USB Input Protection for Notebook
PCs and Tablets
• Battery Protection

3 Description
The CSD87502Q2 is a 30 V, 27 mΩ N-Channel
device with dual independent MOSFETs in a SON 2 x
2 mm plastic package. The two FETs were designed
to be used in a half-bridge configuration for
synchronous buck and other power supply
applications. Additionally, these NexFET™ power
MOSFETs can be used for adaptor, USB input
protection, and battery charging applications. The
dual FETs feature low drain-to-source on-resistance
that minimizes losses and offers low component
count for space-constrained applications.




Similar Part No. - CSD87502Q2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87502Q2 TI-CSD87502Q2 Datasheet
566Kb / 13P
CSD87502Q2 30 V Dual N-Channel NexFET??Power MOSFETs
CSD87502Q2 TI1-CSD87502Q2 Datasheet
599Kb / 13P
Dual N-Channel NexFET Power MOSFETs
CSD87502Q2T TI1-CSD87502Q2T Datasheet
599Kb / 13P
Dual N-Channel NexFET Power MOSFETs
More results


Similar Description - CSD87502Q2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
30-V, N-Channel NexFET Power MOSFETs
CSD17552Q5A TI-CSD17552Q5A Datasheet
737Kb / 11P
30-V, N-Channel NexFET Power MOSFETs
CSD87312Q3E TI-CSD87312Q3E Datasheet
789Kb / 12P
Dual 30-V N-Channel NexFET Power MOSFETs
CSD17381F4 TI-CSD17381F4 Datasheet
1Mb / 11P
30-V, N-Channel NexFET??Power MOSFETs
CSD17573Q5B TI-CSD17573Q5B_15 Datasheet
973Kb / 15P
CSD17573Q5B 30 V N-Channel NexFET Power MOSFETs
CSD87502Q2 TI-CSD87502Q2 Datasheet
566Kb / 13P
CSD87502Q2 30 V Dual N-Channel NexFET??Power MOSFETs
CSD17308Q3 TI1-CSD17308Q3_15 Datasheet
412Kb / 13P
30-V N-Channel NexFET Power MOSFETs
CSD17581Q3A TI1-CSD17581Q3A Datasheet
380Kb / 13P
30-V N-Channel NexFET Power MOSFETs
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
30-V Dual N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
30-V N-Channel NexFET Power MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com