Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD97396Q4M.B Datasheet (PDF) - Texas Instruments

CSD97396Q4M.B Datasheet PDF - Texas Instruments
Part # CSD97396Q4M.B
Download  CSD97396Q4M.B Download
File Size   553.15 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD97396Q4M Synchronous Buck NexFET™ Power Stage

CSD97396Q4M.B Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD97396Q4M.B Datasheet PDF - Texas Instruments

Part # CSD97396Q4M.B
Download  CSD97396Q4M.B Click to download

File Size   553.15 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD97396Q4M Synchronous Buck NexFET™ Power Stage

CSD97396Q4M.B Datasheet (HTML) - Texas Instruments


CSD97396Q4M.B Product details

1 Features
1• Over 93% System Efficiency at 15 A
• Max Rated Continuous Current 30 A, Peak 65 A
• High Frequency Operation (up to 2 MHz)
• High Density – SON 3.5 mm × 4.5 mm Footprint
• Ultra-Low Inductance Package
• System-Optimized PCB Footprint
• Ultra-Low Quiescent (ULQ) Current Mode
• 3.3 V and 5 V PWM Signal Compatible
• Diode Emulation Mode With FCCM
• Input Voltages up to 24 V
• Tri-State PWM Input
• Integrated Bootstrap Diode
• Shoot-Through Protection
• RoHS Compliant – Lead Free Terminal Plating
• Halogen Free

2 Applications
• Ultrabook/Notebook DC/DC Converters
• Multiphase Vcore and DDR Solutions
• Point-of-Load Synchronous Buck in Networking,
Telecom, and Computing Systems

3 Description
The CSD97396Q4M NexFET™ Power Stage is a
highly optimized design for use in a high-power, high-
density synchronous buck converter. This product
integrates the driver IC and NexFET technology to
complete the power stage switching function. The driver IC has a built-in selectable diode emulation
function that enables DCM operation to improve light
load efficiency. In addition, the driver IC supports
ULQ mode that enables connected standby for Windows® 8. With the PWM input in tri-state,
quiescent current is reduced to 130 μA, with
immediate response. When SKIP# is held at tri-state,
the current is reduced to 8 μA (typically 20 μs is
required to resume switching). This combination
produces a high current, high efficiency, and high
speed switching device in a small 3.5 × 4.5 mm
outline package. In addition, the PCB footprint is
optimized to help reduce design time and simplify the
completion of the overall system design.




Similar Part No. - CSD97396Q4M.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD97396Q4M.B TI2-CSD97396Q4M.B Datasheet
556Kb / 20P
CSD97396Q4M Synchronous Buck NexFET™ Power Stage
DECEMBER 2015
More results


Similar Description - CSD97396Q4M.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
Synchronous Buck NexFET Power Stage
JUNE2011
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
Synchronous Buck NexFET??Power Stage
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
Synchronous Buck NexFET Power Stage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com