Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT2574T Datasheet (PDF) - Texas Instruments

CY74FCT2574T Datasheet PDF - Texas Instruments
Part # CY74FCT2574T
Download  CY74FCT2574T Download
File Size   612.36 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT REGISTER WITH 3-STATE OUTPUTS

CY74FCT2574T Datasheet (PDF)

Go To PDF Page Download Datasheet
CY74FCT2574T Datasheet PDF - Texas Instruments

Part # CY74FCT2574T
Download  CY74FCT2574T Click to download

File Size   612.36 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT REGISTER WITH 3-STATE OUTPUTS

CY74FCT2574T Datasheet (HTML) - Texas Instruments


CY74FCT2574T Product details

Function and Pinout Compatible With FCT
and F Logic
25-Ω Output Series Resistors to Reduce
Transmission-Line Reflection Noise
Reduced VOH (Typically = 3.3 V) Version of
Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
Ioff Supports Partial-Power-Down Mode
Operation
Matched Rise and Fall Times
Fully Compatible With TTL Input and
Output Logic Levels
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
3-State Outputs
12-mA Output Sink Current
15-mA Output Source Current
Edge-Triggered D-Type Inputs
250-MHz Typical Switching Rate

description
The CY74FCT2574T is a high-speed, low-power, octal D-type flip-flop featuring separate D-type inputs for each
flip-flop. On-chip termination resistors at the outputs reduce system noise caused by reflections. The
CY74FCT2574T can replace the CY74FCT574T to reduce noise in an existing design. This device has 3-state
outputs for bus-oriented applications. A buffered clock (CP) and output-enable (OE) inputs are common to all
flip-flops. The CY74FCT2574T is identical to the CY74FCT2374T, except that on the CY74FCT2574T all
outputs are on one side of the package and all inputs are on the other side. The flip-flops in the CY74FCT2574T
store the state of their individual D inputs that meet the setup-time and hold-time requirements on the low-to-high
CP transition. When OE is low, the contents of the flip-flops are available at the outputs. When OE is high, the
outputs are in the high-impedance state. The state of OE does not affect the state of the flip-flops.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.




Similar Part No. - CY74FCT2574T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Synaptics Incorporated.
CY74FCT2574TSOC CONEXANT-CY74FCT2574TSOC Datasheet
317Kb / 15P
8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
CY74FCT2574TSOC TI1-CY74FCT2574TSOC Datasheet
653Kb / 15P
8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Synaptics Incorporated.
CY74FCT2574TSOCE4 CONEXANT-CY74FCT2574TSOCE4 Datasheet
317Kb / 15P
8-BIT REGISTER WITH 3-STATE OUTPUTS
CY74FCT2574TSOCG4 CONEXANT-CY74FCT2574TSOCG4 Datasheet
317Kb / 15P
8-BIT REGISTER WITH 3-STATE OUTPUTS
More results


Similar Description - CY74FCT2574T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS323 MOTOROLA-SN54LS323 Datasheet
143Kb / 5P
8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
CD4094BC FAIRCHILD-CD4094BC Datasheet
68Kb / 7P
8-Bit Shift Register/Latch with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
8-bit Binary Counter/Register (with 3-state outputs)
logo
Synaptics Incorporated.
CY74FCT2374T CONEXANT-CY74FCT2374T Datasheet
317Kb / 15P
8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC595 RENESAS-HD74HC595 Datasheet
114Kb / 11P
8-bit Shift Register/Latch (with 3-state outputs)
logo
Texas Instruments
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
8-bit Binary Counter/Register (with 3-state outputs)
HD74HC595 RENESAS-HD74HC595_15 Datasheet
134Kb / 13P
8-bit Shift Register/Latch (with 3-state outputs)
logo
Texas Instruments
CY74FCT825T TI1-CY74FCT825T_14 Datasheet
813Kb / 14P
8-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com