Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1220E Datasheet (PDF) - Texas Instruments

DAC1220E Datasheet PDF - Texas Instruments
Part # DAC1220E
Download  DAC1220E Download
File Size   646.54 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 20-Bit, Low-Power Digital-to-Analog Converter

DAC1220E Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC1220E Datasheet PDF - Texas Instruments

Part # DAC1220E
Download  DAC1220E Click to download

File Size   646.54 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 20-Bit, Low-Power Digital-to-Analog Converter

DAC1220E Datasheet (HTML) - Texas Instruments


DAC1220E Product details

1FEATURES
2• 20-Bit Monotonicity Ensured Over –40°C to
+85°C
• Low Power: 2.5mW
• Voltage Output
• Settling Time: 2ms to 0.012%
• Maximum Linearity Error: ±0.0015%
• On-Chip Calibration

APPLICATIONS
• Process Control
• ATE Pin Electronics
• Closed-Loop Servo Control
• Smart Transmitters
• Portable Instruments

DESCRIPTION
The DAC1220 is a 20-bit digital-to-analog (D/A)
converter offering 20-bit monotonic performance over
the specified temperature range. It utilizes
delta-sigma technology to achieve inherently linear performance in a small package at very low power.
The resolution of the device can be programmed to
20 bits for Full-Scale, settling to 0.003% within 15ms
typical, or 16 bits for Full-Scale, settling to 0.012%
within 2ms max. The output range is two times the
external reference voltage. On-chip calibration circuitry dramatically reduces low offset and gain
errors.
The DAC1220 features a synchronous serial
interface; in single-converter applications, the serial
interface can be accomplished with just two wires,
allowing low-cost isolation. For multiple converters, a
CS signal allows for selection of the appropriate D/A
converter.
The DAC1220 has been designed for closed-loop
control applications in the industrial process control
market and high-resolution applications in the test
and measurement market. It is also ideal for remote
applications, battery-powered instruments, and
isolated systems. The DAC1220 is available in an
SSOP-16 package.




Similar Part No. - DAC1220E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC1220E BURR-BROWN-DAC1220E Datasheet
123Kb / 14P
20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1220E TI1-DAC1220E Datasheet
622Kb / 26P
20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E TI-DAC1220E Datasheet
658Kb / 26P
20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E/2K5 TI1-DAC1220E/2K5 Datasheet
622Kb / 26P
20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E/2K5G4 TI1-DAC1220E/2K5G4 Datasheet
622Kb / 26P
20-Bit, Low-Power Digital-to-Analog Converter
More results


Similar Description - DAC1220E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC1220 BURR-BROWN-DAC1220 Datasheet
123Kb / 14P
20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
20-Bit, Low-Power Digital-to-Analog Converter
ADS1254-EP TI1-ADS1254-EP Datasheet
537Kb / 26P
24-Bit, 20-kHz, LOW POWER ANALOG-TO-DIGITAL CONVERTER
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
20-BIT ANALOG-TO-DIGITAL CONVERTER
DAC1220E TI-DAC1220E Datasheet
658Kb / 26P
20-Bit, Low-Power Digital-to-Analog Converter
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
20-Bit, Digital-to-Analog Converter
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
20-Bit, Deglitched Digital-to-Analog Converter
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1_15 Datasheet
967Kb / 27P
Low-Power 12-Bit Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com