Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC2932 Datasheet (PDF) - Texas Instruments

DAC2932 Datasheet PDF - Texas Instruments
Part # DAC2932
Download  DAC2932 Download
File Size   645.71 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 12-Bit, 40MSPS Digital-to-Analog Converter

DAC2932 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC2932 Datasheet PDF - Texas Instruments

Part # DAC2932
Download  DAC2932 Click to download

File Size   645.71 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, 12-Bit, 40MSPS Digital-to-Analog Converter

DAC2932 Datasheet (HTML) - Texas Instruments


DAC2932 Product details

FEATURES
Dual, 12-Bit, 40MSPS Current Output DAC
Four 12-Bit Voltage Output DACs—for
Transmit Control
Single +3V Operation
Very Low Power: 29mW
High SFDR: 75dB at fOUT = 5MHz
Low-Current Standby or Full Power-Down
Modes
Internal Reference
Optional External Reference
Adjustable Full-Scale Range: 0.5mA to 2mA

APPLICATIONS
Transmit Channels
− I and Q
− PC Card Modems: GPRS, CDMA
− Wireless Network Cards (NICs)
Signal Synthesis (DDS)
Portable Medical Instumentation
Arbitrary Waveform Generation (AWG)

DESCRIPTION
The DAC2932 is a dual 12-bit, current-output
digital-to-analog converter (DAC) designed to combine the
features of high dynamic range and very low power
consumption. The DAC2932 converter supports update
rates of up to 40MSPS. In addition, the DAC2932 features
four 12-bit voltage output DACs, which can be used to
perform system control functions.
The advanced segmentation architecture of the DAC2932
is optimized to provide a high spurious-free dynamic range
(SFDR).
The DAC2932 has a high impedance (> 200kΩ) differential
current output with a nominal range of 2mA and a
compliance voltage of up to 0.8V. The differential outputs
allow for either a differential or single-ended analog signal
interface. The close matching of the current outputs
ensures superior dynamic performance in the differential
configuration, which can be implemented with a
transformer. Using a small geometry CMOS process, the
monolithic DAC2932 is designed to operate within a
single-supply range of 2.7V to 3.3V. Low power
consumption makes it ideal for portable and
battery-operated systems. Further optimization by
lowering the output current can be realized with the
adjustable full-scale option. The full-scale output current
can be adjusted over a span of 0.5mA to 2mA.
For noncontinuous operation of the DAC2932, a full
power-down mode can reduce the power dissipation to as
little as 25μW.
The DAC2932 is designed to operate with a single parallel
data port. While it alternates the loading of the input data
into separate input latches for both current output DACs
(I-DACs), the updating of the analog output signal occurs
simultaneously. The DAC2932 integrates a temperature
compensated 1.22V bandgap reference. The DAC2932
also allows for additional flexibility of using an external reference.
The DAC2932 is available in a TQFP-48 package.




Similar Part No. - DAC2932

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
Dual, 12-Bit, 40MSPS Digital-to-analog Converter
DAC2932 TI-DAC2932 Datasheet
1Mb / 30P
Dual, 12-Bit, 40MSPS Current Output DAC, Four 12-bit Voltage Output DAC-for Tranamit Control
logo
Burr-Brown (TI)
DAC2932PFBR BURR-BROWN-DAC2932PFBR Datasheet
343Kb / 24P
DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2932PFBR TI1-DAC2932PFBR Datasheet
829Kb / 29P
Dual, 12-Bit, 40MSPS Digital-to-analog Converter
More results


Similar Description - DAC2932

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
ADS5220 BURR-BROWN-ADS5220 Datasheet
433Kb / 20P
12-Bit, 40MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
Dual, 12-Bit, 40MSPS Digital-to-analog Converter
ADS5402 TI-ADS5402 Datasheet
575Kb / 40P
Dual 12-Bit 800Msps Analog-to-Digital Converter
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com