Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1280IPW.A Datasheet (PDF) - Texas Instruments

DAC1280IPW.A Datasheet PDF - Texas Instruments
Part # DAC1280IPW.A
Download  DAC1280IPW.A Download
File Size   609.6 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low Distortion Digital-to-Analog Converter for Seismic Monitoring

DAC1280IPW.A Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC1280IPW.A Datasheet PDF - Texas Instruments

Part # DAC1280IPW.A
Download  DAC1280IPW.A Click to download

File Size   609.6 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low Distortion Digital-to-Analog Converter for Seismic Monitoring

DAC1280IPW.A Datasheet (HTML) - Texas Instruments


DAC1280IPW.A Product details

1FEATURES
2• Outstanding Performance:
– THD: –125dB
– SNR: 120dB (413Hz BW, Gain = 1/1)
– Gain Error: 0.1%
• Pin Operation: No Registers to Program
• Gain: 1/1 to 1/64
• SYNC Input for Phase Control
• Power-Down Mode
• Low Power: 18mW
• Analog Supply: +5V or ±2.5V
• Digital Supply: 1.8V to 3.3V
• Small 16-Pin TSSOP Package
• Temperature Range: –40°C to +85°C

APPLICATIONS
• Energy Exploration Equipment
• Seismic Monitoring Systems

DESCRIPTION
The DAC1280 is a very low distortion digital-to-analog
converter (DAC) suited for performance testing of
seismic equipment. The DAC1280 provides a
high-accuracy output signal from a bitstream input.
The device achieves very high linearity in a small
package while dissipating only 18mW. Together with
the high-performance ADS1281 and ADS1282
analog-to-digital converters (ADCs), these devices
create a test and measurement system that meets
the exacting demands of energy exploration and
seismic monitoring equipment.
The DAC1280 is designed to match the system
components (power supply, clock and reference
voltage) of the companion ADCs, the ADS1281 and
ADS1282. The input to the DAC1280 is a 1s density
modulated bitstream. The DAC1280 output is a
differential current intended for use with an active I/V
converter. The I/V converter provides a voltage output
suitable for performance testing of sensors and
ADCs.
Three gain control pins set the output range in 6dB
steps from 0dB to –36db (±2.5V to ±0.039V
differential). The attenuation ranges match the gains
of the ADS1282 for testing at all gains. The DAC
uses a reference voltage and bias resistor to set the
full-scale output. The resistor can be adjusted to
fine-trim the DAC full-scale.
The SYNC pin aligns the input data sampling to the
CLK phase. A power-down pin shuts down the device
when not in use. The DAC1280 is available in a
small, 16-pin TSSOP package and is fully specified
for operation over –40°C to +85°C temperature range
with a maximum operating temperature of +125°C.




Similar Part No. - DAC1280IPW.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC1280IPW TI1-DAC1280IPW Datasheet
773Kb / 24P
Low Distortion Digital-to-Analog Converter for Seismic Monitoring
DAC1280IPWR TI1-DAC1280IPWR Datasheet
773Kb / 24P
Low Distortion Digital-to-Analog Converter for Seismic Monitoring
More results


Similar Description - DAC1280IPW.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
Frequency Devices, Inc.
VM8DAC FREQUENCYDEVICES-VM8DAC Datasheet
117Kb / 2P
Low Noise Digital to Analog Converter
logo
Analog Devices
ADC1121 AD-ADC1121 Datasheet
2Mb / 6P
Low Power Analog to Digital Converter
logo
Texas Instruments
DAC1280 TI-DAC1280 Datasheet
618Kb / 24P
Very Low Distortion Digital-to-Analog Converter for Seismic Applications
DAC1282 TI1-DAC1282 Datasheet
1Mb / 43P
LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
TL507 TI1-TL507 Datasheet
118Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
DAC1282 TI1-DAC1282_15 Datasheet
1Mb / 46P
Low Distortion Digital-to-Analog Converter for Seismic
ADS7804 TI1-ADS7804 Datasheet
940Kb / 19P
ANALOG-to-DIGITAL CONVERTER
DAC1280 TI1-DAC1280_15 Datasheet
773Kb / 24P
Low Distortion Digital-to-Analog Converter for Seismic Monitoring
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com