Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7714 Datasheet (PDF) - Texas Instruments

DAC7714 Datasheet PDF - Texas Instruments
Part # DAC7714
Download  DAC7714 Download
File Size   564.78 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER

DAC7714 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7714 Datasheet PDF - Texas Instruments

Part # DAC7714
Download  DAC7714 Click to download

File Size   564.78 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER

DAC7714 Datasheet (HTML) - Texas Instruments


DAC7714 Product details

FEATURES
LOW POWER: 250mW (max)
UNIPOLAR OR BIPOLAR OPERATION
SETTLING TIME: 10ms to 0.012%
12-BIT LINEARITY AND MONOTONICITY:
–40°C to +85°C
USER SELECTABLE RESET TO MIDSCALE
OR ZERO-SCALE
SECOND-SOURCE for DAC8420
SMALL SO-16 PACKAGE

APPLICATIONS
ATE PIN ELECTRONICS
PROCESS CONTROL
CLOSED-LOOP SERVO-CONTROL
MOTOR CONTROL
DATA ACQUISITION SYSTEMS

DESCRIPTION
The DAC7714 is a quad, serial input, 12-bit, voltage
output Digital-to-Analog Converter (DAC) with guaranteed
12-bit monotonic performance over the –40°C
to +85°C temperature range. An asynchronous reset
clears all registers to either mid-scale (800H) or zeroscale
(000H), selectable via the RESETSEL pin. The
device can be powered from a single +15V supply or
from dual +15V and –15V supplies.
Low power and small size makes the DAC7714 ideal
for process control, data acquisition systems, and
closed-loop servo-control. The device is available in a
SO-16 package, and is guaranteed over the –40°C to
+85°C temperature range.




Similar Part No. - DAC7714

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI1-DAC7714 Datasheet
786Kb / 20P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714U TI-DAC7714U Datasheet
400Kb / 15P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714U TI1-DAC7714U Datasheet
786Kb / 20P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714U/1K TI-DAC7714U/1K Datasheet
400Kb / 15P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC7714

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 BURR-BROWN-DAC7617 Datasheet
302Kb / 14P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 TI1-DAC7715_15 Datasheet
977Kb / 20P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7614 TI1-DAC7614 Datasheet
503Kb / 17P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com