Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7724U.A Datasheet (PDF) - Texas Instruments

DAC7724U.A Datasheet PDF - Texas Instruments
Part # DAC7724U.A
Download  DAC7724U.A Download
File Size   590.58 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER

DAC7724U.A Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7724U.A Datasheet PDF - Texas Instruments

Part # DAC7724U.A
Download  DAC7724U.A Click to download

File Size   590.58 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER

DAC7724U.A Datasheet (HTML) - Texas Instruments


DAC7724U.A Product details

FEATURES
LOW POWER: 250mW max
SINGLE SUPPLY OUTPUT RANGE: +10V
DUAL SUPPLY OUTPUT RANGE: ±10V
SETTLING TIME: 10ms to 0.012%
12-BIT LINEARITY AND MONOTONICITY:
–40°C to +85°C
RESET TO MID-SCALE (DAC7724) OR
ZERO-SCALE (DAC7725)
DATA READBACK
DOUBLE-BUFFERED DATA INPUTS

APPLICATIONS
PROCESS CONTROL
CLOSED-LOOP SERVO-CONTROL
MOTOR CONTROL
DATA ACQUISITION SYSTEMS

DESCRIPTION
The DAC7724 and DAC7725 are 12-bit quad voltage
output digital-to-analog converters with guaranteed
12-bit monotonic performance over the specified temperature
range. They accept 12-bit parallel input data,
have double-buffered DAC input logic (allowing simultaneous
update of all DACs), and provide a readback
mode of the internal input registers. An asynchronous
reset clears all registers to a mid-scale code of 800H
(DAC7724) or to a zero-scale of 000H (DAC7725). The
DAC7724 and DAC7725 can operate from a single
+15V supply, or from +15V and –15V supplies.
Low power and small size per DAC make the DAC7724
and DAC7725 ideal for automatic test equipment,
DAC-per-pin programmers, data acquisition systems,
and closed-loop servo-control. The DAC7724 and
DAC7725 are available in a PLCC-28 or a SO-28
package, and offer guaranteed specifications over the
–40°C to +85°C temperature range.




Similar Part No. - DAC7724U.A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7724U BURR-BROWN-DAC7724U Datasheet
451Kb / 15P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7724U TI1-DAC7724U Datasheet
1Mb / 21P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724U/1K TI1-DAC7724U/1K Datasheet
1Mb / 21P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7724UB BURR-BROWN-DAC7724UB Datasheet
451Kb / 15P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7724UB TI1-DAC7724UB Datasheet
1Mb / 21P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC7724U.A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7624 BURR-BROWN-DAC7624 Datasheet
311Kb / 11P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724 BURR-BROWN-DAC7724 Datasheet
451Kb / 15P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724 TI1-DAC7724_14 Datasheet
1Mb / 21P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com