Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7744E Datasheet (PDF) - Texas Instruments

DAC7744E Datasheet PDF - Texas Instruments
Part # DAC7744E
Download  DAC7744E Download
File Size   591.49 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER

DAC7744E Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7744E Datasheet PDF - Texas Instruments

Part # DAC7744E
Download  DAC7744E Click to download

File Size   591.49 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER

DAC7744E Datasheet (HTML) - Texas Instruments


DAC7744E Product details

FEATURES
LOW POWER: 200mW
UNIPOLAR OR BIPOLAR OPERATION
SINGLE-SUPPLY OUTPUT RANGE: +10V
DUAL SUPPLY OUTPUT RANGE: ±10V
SETTLING TIME: 10ms to 0.003%
16-BIT MONOTONICITY: –40°C to +85°C
PROGRAMMABLE RESET TO MID-SCALE
OR ZERO-SCALE
DATA READBACK
DOUBLE-BUFFERED DATA INPUTS

APPLICATIONS
PROCESS CONTROL
ATE PIN ELECTRONICS
CLOSED-LOOP SERVO-CONTROL
MOTOR CONTROL
DATA ACQUISITION SYSTEMS
DAC-PER-PIN PROGRAMMERS

DESCRIPTION
The DAC7744 is a 16-bit, quad voltage output digitalto-
analog converter with guaranteed 16-bit monotonic
performance over the specified temperature range. It
accepts 16-bit parallel input data, has double-buffered
DAC input logic (allowing simultaneous update of all
DACs), and provides a readback mode of the internal
input registers. Programmable asynchronous reset
clears all registers to a mid-scale code of 8000H or to
a zero-scale of 0000H. The DAC7744 operates from
either a single +15V supply or from a +15V, –15V,
and +5V supply.
Low power and small size per DAC make the DAC7744
ideal for automatic test equipment, DAC-per-pin programmers,
data acquisition systems, and closed-loop
servo-control. The DAC7744 is available in a 48-
lead SSOP package, and offers guaranteed specifications
over the –40°C to +85°C temperature range.




Similar Part No. - DAC7744E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7744E BURR-BROWN-DAC7744E Datasheet
458Kb / 23P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7744E TI1-DAC7744E Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744E/1K TI1-DAC7744E/1K Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744E/1KG4 TI1-DAC7744E/1KG4 Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744EB BURR-BROWN-DAC7744EB Datasheet
458Kb / 23P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC7744E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7644 BURR-BROWN-DAC7644 Datasheet
349Kb / 21P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7634 TI1-DAC7634_08 Datasheet
757Kb / 31P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com