Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG-30 Datasheet (PDF) - TT Electronics.

DG-30 Datasheet PDF - TT Electronics.
Part # DG-30
Download  DG-30 Download
File Size   383.66 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Din Rail Series (30W)

DG-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG-30 Datasheet PDF - TT Electronics.

Part # DG-30
Download  DG-30 Click to download

File Size   383.66 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Din Rail Series (30W)

DG-30 Datasheet (HTML) - TT Electronics.


DG-30 Product details

Features:
• High efficiency up to 94.5%
• 75w – 960w with parallel function
• “Slim” case occupying less din rail space
• Up to 30% smaller than industry standard
• Output voltage up to 110% V nom
• Output power up to 110%
• 150% peak output current for 3 seconds
• -25°C to 70 °C
• Installation on TS-35/75 or TS-35/15
Description:
The TT Electronics range of Din Rail Power Supplies can be installed on either TS-35/7 or TS-35/18. Featuring wide ranging universal Input for many industrial application and come with a 3 year warranty as standard. This 30 Watt unit is offered in 12 & 24V.




Similar Part No. - DG-30

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
DG-30-12S TOPPOWER-DG-30-12S Datasheet
829Kb / 6P
30W AC-DC DIN RAIL Power Supply
DG-30-24S TOPPOWER-DG-30-24S Datasheet
829Kb / 6P
30W AC-DC DIN RAIL Power Supply
More results


Similar Description - DG-30

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DR-30 ASTRODYNE-DR-30 Datasheet
287Kb / 2P
30W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-30 MEANWELL-DR-30 Datasheet
131Kb / 2P
30W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-30 ALTECH-PS-30_1 Datasheet
91Kb / 2P
30W Single Output Industrial DIN Rail Power Supply
PS-30 ALTECH-PS-30 Datasheet
119Kb / 1P
30W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-30 MEANWELL-DR-30_11 Datasheet
317Kb / 2P
30W Single Output Industrial DIN Rail Power Supply
logo
Toppower Electronic Tec...
TPRSDR-30-24S TOPPOWER-TPRSDR-30-24S Datasheet
776Kb / 4P
30W AC-DC DIN RAIL Power Supply
TPRDG-30-XS TOPPOWER-TPRDG-30-XS Datasheet
997Kb / 6P
30W AC-DC DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DDR-30 MEANWELL-DDR-30 Datasheet
124Kb / 4P
30W DIN Rail Type DC-DC Converter
logo
Toppower Electronic Tec...
TPR-30-XS TOPPOWER-TPR-30-XS Datasheet
829Kb / 6P
30W AC-DC DIN RAIL Power Supply
logo
ETA-USA
AOFD-30 ETA-USA-AOFD-30 Datasheet
1Mb / 4P
30W Din Rail Mount
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com