Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8802 Datasheet (PDF) - Texas Instruments

DAC8802 Datasheet PDF - Texas Instruments
Part # DAC8802
Download  DAC8802 Download
File Size   691.95 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter

DAC8802 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8802 Datasheet PDF - Texas Instruments

Part # DAC8802
Download  DAC8802 Click to download

File Size   691.95 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter

DAC8802 Datasheet (HTML) - Texas Instruments


DAC8802 Product details

FEATURES
Relative Accuracy: 1 LSB Max
Differential Nonlinearity: 1 LSB Max
2-mA Full-Scale Current ±20%,
with VREF = ±10 V
0.5 ms Settling Time
Midscale or Zero-Scale Reset
Separate 4Q Multiplying Reference Inputs
Reference Bandwidth: 10 MHz
Reference Dynamics: –105 dB THD
SPI™-Compatible 3-Wire Interface:
50 MHz
Double Buffered Registers to Enable
Simultaneous Multichannel Update
Internal Power-On Reset
Industry-Standard Pin Configuration

APPLICATIONS
Automatic Test Equipment
Instrumentation
Digitally Controlled Calibration

DESCRIPTION
The DAC8802 is a dual, 14-bit, current-output
digital-to-analog converter (DAC) designed to
operate from a single 2.7 V to 5.5 V supply.
The applied external reference input voltage VREF
determines the full-scale output current. An internal
feedback resistor (RFB) provides temperature
tracking for the full-scale output when combined with
an external I-to-V precision amplifier.
A doubled-buffered, serial data interface offers
high-speed, 3-wire, SPI and microcontroller
compatible inputs using serial data in (SDI), clock
(CLK), and a chip-select (CS). A common
level-sensitive load DAC strobe (LDAC) input allows
simultaneous update of all DAC outputs from
previously loaded input registers. Additionally, an
internal power-on reset forces the output voltage to
zero at system turn-on. An MSB pin allows system
reset assertion (RS) to force all registers to zero
code when MSB = 0, or to half-scale code when
MSB = 1.
The DAC8802 is available in an TSSOP-16 package.




Similar Part No. - DAC8802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802IPW TI-DAC8802IPW Datasheet
1Mb / 18P
Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802IPWG4 TI-DAC8802IPWG4 Datasheet
1Mb / 18P
Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802IPWR TI-DAC8802IPWR Datasheet
1Mb / 18P
Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802IPWRG4 TI-DAC8802IPWRG4 Datasheet
1Mb / 18P
Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results


Similar Description - DAC8802

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com