Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG-60 Datasheet (PDF) - TT Electronics.

DG-60 Datasheet PDF - TT Electronics.
Part # DG-60
Download  DG-60 Download
File Size   293.47 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Din Rail Series (60W)

DG-60 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG-60 Datasheet PDF - TT Electronics.

Part # DG-60
Download  DG-60 Click to download

File Size   293.47 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Din Rail Series (60W)

DG-60 Datasheet (HTML) - TT Electronics.


DG-60 Product details

Features:
• High efficiency up to 94.5%
• 75w – 960w with parallel function
• “Slim” case occupying less din rail space
• Up to 30% smaller than industry standard
• Output voltage up to 110% V nom
• Output power up to 110%
• 150% peak output current for 3 seconds
• -25°C to 70 °C
• Installation on TS-35/75 or TS-35/15
Description:
The TT Electronics range of Din Rail Power Supplies can be installed on either TS-35/7 or TS-35/18. Featuring wide ranging universal Input for many industrial application and come with a 3 year warranty as standard. This 60 Watt unit is offered in 12, 24 & 48V.




Similar Part No. - DG-60

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
DG-105 KODENSHI-DG-105 Datasheet
232Kb / 2P
Photointerrupters(Reflective)
DG-105F KODENSHI-DG-105F Datasheet
371Kb / 2P
KODENSHI
DG-112 KODENSHI-DG-112 Datasheet
232Kb / 2P
Photointerrupters(Reflective)
logo
TT Electronics.
DG-120 TTELEC-DG-120 Datasheet
412Kb / 2P
Din Rail Series (120W)
11/02/2020
DG-120-12 TTELEC-DG-120-12 Datasheet
412Kb / 2P
Din Rail Series (120W)
11/02/2020
More results


Similar Description - DG-60

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DR-60 ASTRODYNE-DR-60 Datasheet
283Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-60 MEANWELL-DR-60 Datasheet
130Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-S60 ALTECH-PS-S60 Datasheet
613Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
PS-60 ALTECH-PS-60_1 Datasheet
87Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
logo
Delta Electronics, Inc.
DRP024V060W1BA DELTA-DRP024V060W1BA Datasheet
583Kb / 14P
60W 1Phase CliQ ll DIN Rail
logo
Total Power Internation...
MDR-60 TOTAL-POWER-MDR-60 Datasheet
402Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
logo
Toppower Electronic Tec...
TPRSDR-60-XS TOPPOWER-TPRSDR-60-XS Datasheet
862Kb / 5P
32.5-60W AC-DC DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DDR-60 MEANWELL-DDR-60 Datasheet
129Kb / 4P
60W DIN Rail Type DC-DC Converter
logo
Carlo Gavazzi Holding A...
SPD24601B CARLOGAVAZZI-SPD24601B Datasheet
326Kb / 4P
Type SPD 60W Type SPD 60W DIN rail mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com