Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC902 Datasheet (PDF) - Texas Instruments

DAC902 Datasheet PDF - Texas Instruments
Part # DAC902
Download  DAC902 Download
File Size   580.19 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER

DAC902 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC902 Datasheet PDF - Texas Instruments

Part # DAC902
Download  DAC902 Click to download

File Size   580.19 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER

DAC902 Datasheet (HTML) - Texas Instruments


DAC902 Product details

FEATURES
SINGLE +5V OR +3V OPERATION
HIGH SFDR: 5MHz Output at 100MSPS: 67dBc
LOW GLITCH: 3pV-s
LOW POWER: 170mW at +5V
INTERNAL REFERENCE:
Optional Ext. Reference
Adjustable Full-Scale Range
Multiplying Option

APPLICATIONS
COMMUNICATION TRANSMIT CHANNELS:
WLL, Cellular Base Station
Digital Microwave Links
Cable Modems
WAVEFORM GENERATION:
Direct Digital Synthesis (DDS)
Arbitrary Waveform Generation (ARB)
MEDICAL/ULTRASOUND
HIGH-SPEED INSTRUMENTATION AND CONTROL
VIDEO, DIGITAL TV

DESCRIPTION
The DAC902 is a high-speed, Digital-to-Analog Converter (DAC)
offering a 12-bit resolution option within the SpeedPlus Family of
high-performance converters. Featuring pin compatibility among
family members, the DAC908, DAC900, and DAC904 provide a
component selection option to an 8-, 10-, and 14-bit resolution,
respectively. All models within this family of DACs support update
rates in excess of 165MSPS with excellent dynamic performance,
and are especially suited to fulfill the demands of a variety of
applications.
The advanced segmentation architecture of the DAC902 is optimized
to provide a high Spurious-Free Dynamic Range (SFDR) for
single-tone, as well as for multi-tone signals—essential when used
for the transmit signal path of communication systems.
The DAC902 has a high impedance (200kΩ) current output with a
nominal range of 20mA and an output compliance of up to 1.25V.
The differential outputs allow for both a differential or singleended
analog signal interface. The close matching of the current
outputs ensures superior dynamic performance in the differential
configuration, which can be implemented with a transformer.
Utilizing a small geometry CMOS process, the monolithic DAC902
can be operated on a wide, single-supply range of +2.7V to +5.5V.
Its low power consumption allows for use in portable and batteryoperated
systems. Further optimization can be realized by lowering
the output current with the adjustable full-scale option.
For noncontinuous operation of the DAC902, a power-down mode
results in only 45mW of standby power.
The DAC902 comes with an integrated 1.24V bandgap reference
and edge-triggered input latches, offering a complete converter
solution. Both +3V and +5V CMOS logic families can be interfaced
to the DAC902.
The reference structure of the DAC902 allows for additional
flexibility by utilizing the on-chip reference, or applying an external
reference. The full-scale output current can be adjusted over a
span of 2mA to 20mA, with one external resistor, while maintaining
the specified dynamic performance.
The DAC902 is available in the SO-28 and TSSOP-28 packages.




Similar Part No. - DAC902

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902 TI2-DAC902 Datasheet
580Kb / 25P
12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
MAY 2002
logo
Burr-Brown (TI)
DAC902E BURR-BROWN-DAC902E Datasheet
216Kb / 16P
12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC902E TI1-DAC902E Datasheet
802Kb / 24P
12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC902

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
12-Bit Digital to Analog Converter
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
12-Bit Analog to Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com