Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV201 Datasheet (PDF) - Texas Instruments

DRV201 Datasheet PDF - Texas Instruments
Part # DRV201
Download  DRV201 Download
File Size   562.16 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV201 Voice Coil Motor Driver for Camera Auto Focus

DRV201 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV201 Datasheet PDF - Texas Instruments

Part # DRV201
Download  DRV201 Click to download

File Size   562.16 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV201 Voice Coil Motor Driver for Camera Auto Focus

DRV201 Datasheet (HTML) - Texas Instruments


DRV201 Product details

1 Features
1• Configurable for Linear or PWM Mode VCM
Current Generation
• High Efficiency PWM Current Control for VCM
• Advanced Ringing Compensation
• Integrated 10-bit D/A Converter for VCM Current
Control
• Protection
– Open and Short-Circuit Detection on VCM Pins
– Undervoltage Lockout (UVLO)
– Thermal Shutdown
– Open and Short-Circuit Protection on VCM
Output
– Internal Current Limit for VCM Driver
– 4-kV ESD-HBM
• I2C Interface
• Operating Temperature Range: –40ºC to 85ºC
• 6-Ball WCSP Package With 0.4-mm Pitch
• Max Die Size: 0.8 mm × 1.48 mm
• Package Heights:
– YFM: 0.15 mm
– YMB: 0.3 mm

2 Applications
• Cell Phone Auto Focus
• Digital Still Camera Auto Focus
• Iris and Exposure Controls
• Security Cameras
• Web and PC Cameras
• Actuator Controls

3 Description
The DRV201 device is an advanced voice coil motor
driver for camera auto focus. It has an integrated D/A converter for setting the VCM current. VCM current is
controlled with a fixed frequency PWM controller or a
linear mode driver. Current generation can be
selected via I2C register. The DRV201 device has an
integrated sense resistor for current regulation and the current can be controlled through I2C.
When changing the current in the VCM, the lens ringing is compensated with an advanced ringing
compensation function. Ringing compensation
reduces the needed time for auto focus significantly.
The device also has VCM short and open protection
functions.




Similar Part No. - DRV201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
DRV201 TI1-DRV201 Datasheet
972Kb / 29P
DRV201 Voice Coil Motor Driver for Camera Auto Focus
DRV201A TI-DRV201A Datasheet
881Kb / 25P
VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
DRV201A TI2-DRV201A Datasheet
609Kb / 28P
DRV201A Voice Coil Motor Driver for Camera Auto Focus
REVISED AUGUST 2015
DRV201AYMBR TI-DRV201AYMBR Datasheet
881Kb / 25P
VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
More results


Similar Description - DRV201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
VOICE COIL MOTOR DRIVER
Nov-1991
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
Voice coil motor driver
logo
Allegro MicroSystems
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
VOICE COIL MOTOR DRIVER
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
VOICE COIL MOTOR DRIVER
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
VOICE COIL MOTOR DRIVER
logo
Princeton Technology Co...
PT5100 PTC-PT5100 Datasheet
137Kb / 4P
Auto Focus Motor Driver IC
PT5662 PTC-PT5662 Datasheet
223Kb / 5P
Auto Focus Motor Driver IC
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
DRV201A TI-DRV201A Datasheet
881Kb / 25P
VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
DRV201 TI1-DRV201_15 Datasheet
972Kb / 29P
DRV201 Voice Coil Motor Driver for Camera Auto Focus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com