Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8332-HT Datasheet (PDF) - Texas Instruments

DRV8332-HT Datasheet PDF - Texas Instruments
Part # DRV8332-HT
Download  DRV8332-HT Download
File Size   605.65 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THREE PHASE PWM MOTOR DRIVER

DRV8332-HT Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8332-HT Datasheet PDF - Texas Instruments

Part # DRV8332-HT
Download  DRV8332-HT Click to download

File Size   605.65 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description THREE PHASE PWM MOTOR DRIVER

DRV8332-HT Datasheet (HTML) - Texas Instruments


DRV8332-HT Product details

FEATURES
• High-Efficiency Power Stage (up to 97%) with
Low RDS(on) MOSFETs (80 mΩ at TJ = 25°C)
• Operating Supply Voltage up to 50 V
(70 V Absolute Maximum)
• Up to 5 A Continuous Phase Current
(7 A Peak)
• Independent Control of Three Phases
• PWM Operating Frequency up to 500 kHz
• Integrated Self-Protection Circuits Including
Undervoltage, Overtemperature, Overload, and Short Circuit
• Programmable Cycle-by-Cycle Current Limit
Protection
• Independent Supply and Ground Pins for Each
Half Bridge
• Intelligent Gate Drive and Cross Conduction
Prevention
• No External Snubber or Schottky Diode is
Required

APPLICATIONS
• BLDC Motors
• Three Phase Permanent Magnet Synchronous
Motors
• Inverters
• Half Bridge Drivers
• Robotic Control Systems

SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
• Controlled Baseline
• One Assembly and Test Site
• One Fabrication Site
• Available in Extreme (–55°C to 175°C)
Temperature Range (1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
• Texas Instruments high temperature products
utilize highly optimized silicon (die) solutions with design and process enhancements to
maximize performance over extended
temperatures. All devices are characterized
and qualified for 1000 hours continuous
operating life at maximum rated temperature.




Similar Part No. - DRV8332-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8332-HT TI1-DRV8332-HT Datasheet
425Kb / 25P
THREE PHASE PWM MOTOR DRIVER
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
THREE PHASE PWM MOTOR DRIVER
DRV8332-HT TI2-DRV8332-HT Datasheet
606Kb / 28P
THREE PHASE PWM MOTOR DRIVER
REVISED JANUARY 2014
DRV8332-HT TI2-DRV8332-HT_V01 Datasheet
606Kb / 28P
THREE PHASE PWM MOTOR DRIVER
REVISED JANUARY 2014
More results


Similar Description - DRV8332-HT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3936 ALLEGRO-3936 Datasheet
177Kb / 9P
DMOS THREE-PHASE PWM MOTOR DRIVER
logo
Texas Instruments
DRV8312 TI-DRV8312 Datasheet
981Kb / 28P
Three Phase PWM Motor Driver
DRV8312 TI-DRV8312_1 Datasheet
1Mb / 31P
Three Phase PWM Motor Driver
DRV8312 TI-DRV8312_11 Datasheet
1Mb / 32P
Three Phase PWM Motor Driver
DRV8332-HT TI1-DRV8332-HT Datasheet
425Kb / 25P
THREE PHASE PWM MOTOR DRIVER
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
THREE PHASE PWM MOTOR DRIVER
DRV8312 TI1-DRV8312_14 Datasheet
1Mb / 36P
Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_15 Datasheet
1Mb / 39P
Three-Phase PWM Motor Driver
logo
Allegro MicroSystems
A3936 ALLEGRO-A3936 Datasheet
294Kb / 10P
DMOS Three-Phase PWM Motor Driver
logo
Texas Instruments
DRV8311 TI-DRV8311 Datasheet
2Mb / 87P
DRV8311 Three-Phase PWM Motor Driver
SLVSFN2 ??SEPTEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com