Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS16F95QML-SP Datasheet (PDF) - Texas Instruments

DS16F95QML-SP Datasheet PDF - Texas Instruments
Part # DS16F95QML-SP
Download  DS16F95QML-SP Download
File Size   605.35 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS16F95QML EIA-485/EIA-422A Differential Bus Transceiver

DS16F95QML-SP Datasheet (PDF)

Go To PDF Page Download Datasheet
DS16F95QML-SP Datasheet PDF - Texas Instruments

Part # DS16F95QML-SP
Download  DS16F95QML-SP Click to download

File Size   605.35 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS16F95QML EIA-485/EIA-422A Differential Bus Transceiver

DS16F95QML-SP Datasheet (HTML) - Texas Instruments


DS16F95QML-SP Product details

1FEATURES
2• Radiation Ensured 300 krad(Si)
• Meets EIA-485 and EIA-422A
• Meets SCSI-1 (5 MHZ) Specifications
• Designed for Multipoint Transmission
• Wide Positive and Negative Input/Output Bus
Voltage Ranges
• Thermal Shutdown Protection
• Driver Positive and Negative Current-Limiting
• High Impedance Receiver Input
• Receiver Input Hysteresis of 50 mV Typical
• Operates from Single 5.0V Supply
• Reduced Power Consumption
• Pin Compatible with DS3695 and SN75176A

DESCRIPTION
The DS16F95 Differential Bus Transceiver is a
monolithic integrated circuit designed for bidirectional
data communication on balanced multipoint bus
transmission lines. The transceiver meets EIA
standard RS-485 as well as RS-422A.
The DS16F95 offers improved performance due to
the use of state-of-the-art L-FAST bipolar technology.
The L-FAST technology allows for higher speeds and
lower currents by utilizing extremely short gate delay
times. Thus, the DS16F95QML features lower power,
extended temperature range and improved
specifications.
The DS16F95 combines a TRI-STATE differential line
driver and a differential input line receiver, both of
which operate from a single 5.0V power supply. The
driver and receiver have an active Enable that can be
externally connected to function as a direction control.
The driver differential outputs and the receiver
differential inputs are internally connected to form
differential input/output (I/O) bus ports that are
designed to offer minimum loading to the bus
whenever the driver is disabled or when VCC = 0V.
These ports feature wide positive and negative
common mode voltage ranges, making the device
suitable for multipoint applications in noisy
environments.
The driver is designed to accommodate loads of up to
60 mA of sink or source current and features positive
and negative current limiting in addition to thermal
shutdown for protection from line fault conditions.
The DS16F95 can be used in transmission line
applications employing the DS96F172 and the
DS96F174 quad differential line drivers and the
DS96F173 and DS96F175 quad differential line
receivers.




Similar Part No. - DS16F95QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS16F95QML-SP TI1-DS16F95QML-SP Datasheet
520Kb / 19P
EIA-485/EIA-422A Differential Bus Transceiver
More results


Similar Description - DS16F95QML-SP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS16F95 NSC-DS16F95 Datasheet
274Kb / 14P
EIA-485/EIA-422A Differential Bus Transceiver
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
EIA-485/EIA-422 Quad Differential Drivers
DS16F95A NSC-DS16F95A Datasheet
363Kb / 10P
TIA/EIA-485-A (RS-485) Extended Temperature Differential Bus Transceiver
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS16F95QML TI1-DS16F95QML_16 Datasheet
520Kb / 19P
EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 TI1-DS16F95_16 Datasheet
309Kb / 16P
DS16F95, DS36F95 EIA-485/EIA-422A Differential Bus Transceiver
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com