Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-DR-12V-75W Datasheet (PDF) - TT Electronics.

LED-DR-12V-75W Datasheet PDF - TT Electronics.
Part # LED-DR-12V-75W
Download  LED-DR-12V-75W Download
File Size   264.98 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description CONSTANT VOLTAGE LED DRIVER 12VDC 75WATT

LED-DR-12V-75W Datasheet (PDF)

Go To PDF Page Download Datasheet
LED-DR-12V-75W Datasheet PDF - TT Electronics.

Part # LED-DR-12V-75W
Download  LED-DR-12V-75W Click to download

File Size   264.98 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description CONSTANT VOLTAGE LED DRIVER 12VDC 75WATT

LED-DR-12V-75W Datasheet (HTML) - TT Electronics.


LED-DR-12V-75W Product details

Features:
• Input Voltage 200-240 Vac
• IP20 Rated
• Low Profile
• Compact Plastic Low Profile enclosure
• 1 Year Warranty
Description:
The Range of 75 Watt Constant Voltage LED Drivers are housed in a compact light weight high quality IP20 plastic enclosure with covered input & output terminals suitable for general Indoor LED applications.




Similar Part No. - LED-DR-12V-75W

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LED-DR-12V-100W TTELEC-LED-DR-12V-100W Datasheet
269Kb / 2P
CONSTANT VOLTAGE LED DRIVER 12VDC 100 WATT
16/07/2020
LED-DR-12V-100W-IP67-B TTELEC-LED-DR-12V-100W-IP67-B Datasheet
319Kb / 2P
CONSTANT VOLTAGE LED DRIVER 12VDC 100WATT
16/07/2020
LED-DR-12V-100W-SLIM TTELEC-LED-DR-12V-100W-SLIM Datasheet
249Kb / 2P
CONSTANT VOLTAGE LED DRIVER 12VDC 100WATT
09/06/2020
LED-DR-12V-1250-15W TTELEC-LED-DR-12V-1250-15W Datasheet
266Kb / 2P
CONSTANT VOLTAGE LED DRIVER 12VDC 15WATT
09/06/2020
LED-DR-12V-150W-IP67 TTELEC-LED-DR-12V-150W-IP67 Datasheet
304Kb / 2P
CONSTANT VOLTAGE LED DRIVER 12VDC 150WATT
17/07/2020
More results


Similar Description - LED-DR-12V-75W

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HVG-240 MEANWELL-HVG-240 Datasheet
131Kb / 6P
240W Constant Voltage Constant Current LED Driver
HVG-320 MEANWELL-HVG-320 Datasheet
139Kb / 7P
320W Constant Voltage Constant Current LED Driver
HVG-480 MEANWELL-HVG-480 Datasheet
271Kb / 9P
480W Constant Voltage Constant Current LED Driver
HBG-200 MEANWELL-HBG-200 Datasheet
1Mb / 10P
200W Constant Voltage Constant Current LED Driver
LPF-25 MEANWELL-LPF-25 Datasheet
537Kb / 6P
25W Constant Voltage Constant Current LED Driver
ELG-300-24A MEANWELL-ELG-300-24A Datasheet
117Kb / 6P
300W Constant Voltage Constant Current LED Driver
HBG-160 MEANWELL-HBG-160_19 Datasheet
2Mb / 9P
160W Constant Voltage Constant Current LED Driver
HBG-200 MEANWELL-HBG-200_19 Datasheet
2Mb / 9P
200W Constant Voltage Constant Current LED Driver
ELG-300 MEANWELL-ELG-300 Datasheet
535Kb / 6P
300W Constant Voltage Constant Current LED Driver
NPF-200 MEANWELL-NPF-200 Datasheet
997Kb / 7P
200W Constant VoltageConstant Current LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com