Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS-11-60 Datasheet (PDF) - Lorlin Electronics Ltd.

MTS-11-60 Datasheet PDF - Lorlin Electronics Ltd.
Part # MTS-11-60
Download  MTS-11-60 Download
File Size   440.35 Kbytes
Page   1 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description MT SUBMINIATURE ROTARY SWITCH

MTS-11-60 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTS-11-60 Datasheet PDF - Lorlin Electronics Ltd.

Part # MTS-11-60
Download  MTS-11-60 Click to download

File Size   440.35 Kbytes
Page   1 Pages
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.
Description MT SUBMINIATURE ROTARY SWITCH

MTS-11-60 Datasheet (HTML) - Lorlin Electronics Ltd.


MTS-11-60 Product details

GENERAL FEATURES
• Moulded 9.2mm diameter TO-5 Rotary Switch
• 45º Indexing, positive action
• 6.4mm mounted height above PCB
• 1 Pole up to 7 positions +“OFF”
• Gold plated terminals and contacts for low power switching




Similar Part No. - MTS-11-60

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
MTS-11-10 LORLIN-MTS-11-10 Datasheet
560Kb / 2P
MT SUBMINIATURE ROTARY SWITCH
More results


Similar Description - MTS-11-60

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
Subminiature Basic Switch
logo
List of Unclassifed Man...
DRR4010 ETC2-DRR4010 Datasheet
217Kb / 2P
Subminiature Rotary Coded Switches
DC3C-A1AA ETC2-DC3C-A1AA Datasheet
595Kb / 4P
DC subminiature switch
logo
Cherry Semiconductor Co...
E63-00K CHERRY-E63-00K Datasheet
771Kb / 3P
SUBMINIATURE Switch Modules
DCJK CHERRY-DCJK Datasheet
342Kb / 2P
subminiature switch
logo
C&K Components
RM-SERIES CK-COMPONENTS-RM-SERIES Datasheet
496Kb / 3P
Subminiature Rotary Switches
RM CK-COMPONENTS-RM Datasheet
228Kb / 3P
Subminiature Rotary Switches
2018
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
ROTARY SWITCH
MTS-11-10 LORLIN-MTS-11-10 Datasheet
560Kb / 2P
MT SUBMINIATURE ROTARY SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com