Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S06APMR Datasheet (PDF) - STMicroelectronics

ST1S06APMR Datasheet PDF - STMicroelectronics
Part # ST1S06APMR
Download  ST1S06APMR Download
File Size   502.03 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3

ST1S06APMR Datasheet (PDF)

Go To PDF Page Download Datasheet
ST1S06APMR Datasheet PDF - STMicroelectronics

Part # ST1S06APMR
Download  ST1S06APMR Click to download

File Size   502.03 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3

ST1S06APMR Datasheet (HTML) - STMicroelectronics


ST1S06APMR Product details

Description

The ST1S06 is a step down DC-DC converter optimized for powering low-voltage digital core in HDD applications and, generally, to replace the high current linear solution when the power dissipation may cause an high heating of the application environment. It provides up to 1.5A over an input voltage range of 2.7 V to 6 V. An high switching frequency (1.5 MHz) allows the use of tiny surface-mount components: as well as the resistor divider to set the output voltage value, only an inductor and two capacitors are required. Besides, a low output ripple is guaranteed by the current mode PWM topology and by the use of low ESR SMD ceramic capacitors.



Features

■ Step-down current mode PWM (1.5 MHz) DC-DC converter

■ 2% DC output voltage tolerance

■ Synchronous rectification

■ Inhibit function

■ Internal soft start

■ Typical efficiency: > 90 %

■ 1.5 A Output current capability

■ Not switching quiescent current: max 1.5mA over temperature range

■ RDS(ON) typ. 150mΩ

■ Uses tiny capacitors and inductors

■ Operative junction temp. - 30 °C to 125 °C

■ Available in DFN6D 3x3 exposed pad




Similar Part No. - ST1S06APMR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S06APUR STMICROELECTRONICS-ST1S06APUR Datasheet
426Kb / 20P
Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
15-Apr-2008
More results


Similar Description - ST1S06APMR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S03 STMICROELECTRONICS-ST1S03 Datasheet
538Kb / 11P
1.5A, 1.5 MHZ ADJUSTABLE, STEP-DOWN SWITCHING REGULATOR IN DFN6
03-Mar-2005
ST1S03 STMICROELECTRONICS-ST1S03_07 Datasheet
342Kb / 17P
1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
29-Mar-2007
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
333Kb / 21P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
18-Mar-2008
ST1S03A STMICROELECTRONICS-ST1S03A Datasheet
280Kb / 14P
1.5A, 1.5 MHz Adjustable, with inhibit function Step-down switching regulator in DFN6 3x3
29-May-2007
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
15-Apr-2008
ST1S12XX STMICROELECTRONICS-ST1S12XX Datasheet
338Kb / 20P
Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
01-Feb-2008
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
03-Jun-2008
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
28-Jul-2009
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
18-May-2012
ST1S03PMR STMICROELECTRONICS-ST1S03PMR Datasheet
346Kb / 17P
1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
29-Mar-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com