Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH2-DSP Datasheet (PDF) - Renesas Technology Corp

SH2-DSP Datasheet PDF - Renesas Technology Corp
Part # SH2-DSP
Download  SH2-DSP Download
File Size   2003.64 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-bit RISC CPU IP

SH2-DSP Datasheet (PDF)

Go To PDF Page Download Datasheet
SH2-DSP Datasheet PDF - Renesas Technology Corp

Part # SH2-DSP
Download  SH2-DSP Click to download

File Size   2003.64 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-bit RISC CPU IP

SH2-DSP Datasheet (HTML) - Renesas Technology Corp


SH2-DSP Product details

▪ Instruction length: 16/32 bits
▪ Global register: 32 bits x 16,
Control register: 32 bits x 6,
System register: 32 bits x 4
▪ GR for DSP: 40 bits x 2, 32 bits x 6, CR for
DSP CR: 32 bits x 1
▪ Multiply-add calculation specification
− Internal bus: 32 bits-BUS x 1, 16 bits-
BUS x 2
− Multiply-accumulate instruction:
Integer: Single precision: 2-3 cycles,
double precision: 4-6 cycles, Fixed
Point: Single precision: 1 cycle




Similar Part No. - SH2-DSP

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
SH2-100R0010DE OHMITE-SH2-100R0010DE Datasheet
205Kb / 1P
Precision Metal-Clad Shunts
SH2-100R0010DE OHMITE-SH2-100R0010DE Datasheet
343Kb / 2P
Precision metal clad resistors designed
SH2-100R0010DE OHMITE-SH2-100R0010DE Datasheet
205Kb / 1P
Precision Metal-Clad Shunts
SH2-150R0006DE OHMITE-SH2-150R0006DE Datasheet
205Kb / 1P
Precision Metal-Clad Shunts
SH2-150R0006DE OHMITE-SH2-150R0006DE Datasheet
343Kb / 2P
Precision metal clad resistors designed
More results


Similar Description - SH2-DSP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2930BR SONY-CXD2930BR Datasheet
249Kb / 25P
GPS LSI with Built-in 32-bit RISC CPU
logo
Hynix Semiconductor
HMS30C7202 HYNIX-HMS30C7202 Datasheet
1Mb / 136P
32-bit ARM7TDMI RISC static CMOS CPU core
logo
fujitsu semiconductor
MB91360G FUJITSU-MB91360G Datasheet
2Mb / 189P
32-bit RISC Microcontroller
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
32-Bit RISC Microprocessor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
32-bit RISC Microprocessor
logo
Renesas Technology Corp
SH7059 RENESAS-SH7059 Datasheet
6Mb / 1042P
32-Bit RISC Microcomputer
logo
List of Unclassifed Man...
NUC501 ETC2-NUC501 Datasheet
5Mb / 283P
32-bit RISC CPU
logo
Nanjing Qinheng Microel...
CH567 WCH-CH567 Datasheet
2Mb / 88P
32 bit RISC
CH568 WCH-CH568 Datasheet
2Mb / 93P
32 bit RISC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com