Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXM2LB2BD Datasheet (PDF) - Schneider Electric

RXM2LB2BD Datasheet PDF - Schneider Electric
Part # RXM2LB2BD
Download  RXM2LB2BD Download
File Size   179.6 Kbytes
Page   7 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description miniature plug-in relay - Zelio RXM2L - 2 C/O - 24 V DC - 5 A - with LED

RXM2LB2BD Datasheet (PDF)

Go To PDF Page Download Datasheet
RXM2LB2BD Datasheet PDF - Schneider Electric

Part # RXM2LB2BD
Download  RXM2LB2BD Click to download

File Size   179.6 Kbytes
Page   7 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description miniature plug-in relay - Zelio RXM2L - 2 C/O - 24 V DC - 5 A - with LED

RXM2LB2BD Datasheet (HTML) - Schneider Electric




Similar Part No. - RXM2LB2BD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXM2LB2BD ETC1-RXM2LB2BD Datasheet
487Kb / 6P
Electromechanical Zelio Relay RXM Optimum miniature plug-in relays
More results


Similar Description - RXM2LB2BD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXM2AB2B7 ETC2-RXM2AB2B7 Datasheet
76Kb / 5P
miniature plug-in relay - Zelio RXM - 2 C/O - 24 V AC - 12 A - with LED
RXM4AB1BD ETC2-RXM4AB1BD Datasheet
73Kb / 5P
miniature plug-in relay - Zelio RXM - 4 C/O - 24 V DC - 6 A
RPM12BD ETC2-RPM12BD Datasheet
58Kb / 2P
power plug-in relay - Zelio RPM - 1 C/O - 24 V DC - 15 A - with LED
RUMC3AB1BD ETC2-RUMC3AB1BD Datasheet
73Kb / 5P
universal plug-in relay - Zelio RUM - 3 C/O - 24 V DC - 10 A
RXM3AB2BD ETC2-RXM3AB2BD Datasheet
76Kb / 5P
miniature plug-in relay - Zelio RXM - 3 C/O - 24 V DC - 10 A - with LED
logo
Schneider Electric
RXG23BD SCHNEIDER-RXG23BD Datasheet
274Kb / 7P
Harmony, Interface plug-in relay, 5 A, 2 CO, with LED, 24 V DC
Aug 11, 2021
RXM4GB3BD SCHNEIDER-RXM4GB3BD Datasheet
211Kb / 6P
Harmony, Miniature plug-in relay, 3 A, 4 CO, with LED, 24 V DC
Aug 5, 2021
RXM2AB3BD SCHNEIDER-RXM2AB3BD Datasheet
203Kb / 6P
Harmony, Miniature plug-in relay, 12 A, 2 CO, with LED, 24 V DC
Aug 31, 2021
RPM11JD SCHNEIDER-RPM11JD Datasheet
118Kb / 5P
power plug-in relay - Zelio RPM - 1 C/O - 12 V DC - 15 A
Aug 10, 2019
RPM13B7 SCHNEIDER-RPM13B7 Datasheet
119Kb / 5P
power plug-in relay - Zelio RPM - 1 C/O - 24 V AC - 15 A - with LED
Aug 15, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com