Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

740601002 Datasheet (PDF) - Molex Electronics Ltd.

740601002 Datasheet PDF - Molex Electronics Ltd.
Part # 740601002
Download  740601002 Download
File Size   69.62 Kbytes
Page   8 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Signal Pin Inserter Repair Tool

740601002 Datasheet (PDF)

Go To PDF Page Download Datasheet
740601002 Datasheet PDF - Molex Electronics Ltd.

Part # 740601002
Download  740601002 Click to download

File Size   69.62 Kbytes
Page   8 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Signal Pin Inserter Repair Tool

740601002 Datasheet (HTML) - Molex Electronics Ltd.


740601002 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207121
Description Signal Pin Inserter Repair Tool
Comments See Tooling Specification (PDF)
Above
Function Insertion
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name PremiumGrade
Tool Type Insertion Hand Tool
UPC 800753256064
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 740601002

ManufacturerPart #DatasheetDescription
logo
Myrra
74060 MYRRA-74060 Datasheet
331Kb / 1P
FLYBACK TRANSFORMER
logo
Molex Electronics Ltd.
74060 MOLEX-74060 Datasheet
38Kb / 2P
VHDM® Backplane Connector Systems
05/21/2013
74060-1001 MOLEX8-74060-1001 Datasheet
283Kb / 4P
2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Open Signal Module, 80 Circuits, Pin Length 4.75mm (.187")
74060-1002 MOLEX-74060-1002 Datasheet
38Kb / 2P
VHDM® Backplane Connector Systems
05/21/2013
74060-1003 MOLEX8-74060-1003 Datasheet
283Kb / 4P
2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Open Signal Module, 80 Circuits, Pin Length 4.25mm (.167")
More results


Similar Description - 740601002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62201-5600 MOLEX-62201-5600 Datasheet
1Mb / 1P
HDM* Stiffener Removal/ Installation Repair Tool
logo
Richco, Inc.
R1001-062 RICHCO-R1001-062 Datasheet
39Kb / 1P
INSERTER / EXTRACTOR
logo
Molex Electronics Ltd.
62201-5700 MOLEX11-62201-5700 Datasheet
35Kb / 1P
Signal Pin Inserter Repair Tool
62201-5900 MOLEX11-62201-5900 Datasheet
35Kb / 1P
8-Row Pin and Shield Repair Tool
62202-2090 MOLEX11-62202-2090 Datasheet
44Kb / 1P
Single Pin Repair Tool
0640000076 MOLEX11-0640000076 Datasheet
55Kb / 1P
Hand Tool Repair Kit
0622015700 MOLEX-0622015700 Datasheet
47Kb / 7P
Signal Pin Inserter Repair Tool
08/26/2022
0622015800 MOLEX-0622015800 Datasheet
35Kb / 3P
6-Row Pin and Shield Repair Tool
08/25/2022
0622015810 MOLEX-0622015810 Datasheet
27Kb / 1P
5-Row Pin and Shield Repair Tool
08/26/2022
0622015900 MOLEX-0622015900 Datasheet
39Kb / 5P
8-Row Pin and Shield Repair Tool
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com