Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHK5 Datasheet (PDF) - Sensata Technologies, Inc.

MHK5 Datasheet PDF - Sensata Technologies, Inc.
Part # MHK5
Download  MHK5 Download
File Size   330.27 Kbytes
Page   5 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description SSI ABSOLUTE MULTI-TURN ENCODER

MHK5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHK5 Datasheet PDF - Sensata Technologies, Inc.

Part # MHK5
Download  MHK5 Click to download

File Size   330.27 Kbytes
Page   5 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description SSI ABSOLUTE MULTI-TURN ENCODER

MHK5 Datasheet (HTML) - Sensata Technologies, Inc.


MHK5 Product details

Features
MHK510 encoder Ø58mm with SSI interface:
• Robust and compact conception
• Ø 15 mm blind shaft, reduction hubs available
• Precision ball bearings with sealing flange
• High temperatures performances –40°C … +85°C
• Code disc made of unbreakable and durable plastic
• Mechanical memorisation of the number of turns by gears
• SSI transmission, GRAY code
• Resolution : 13 bits = 8192 steps/turn
• Number of turns : 12 bits = 4096 turns
• Polarity inversion and short circuit protection
• Highly integrated circuit in SMD-technology




Similar Part No. - MHK5

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
MHK5 SENSATA-MHK5 Datasheet
988Kb / 4P
CANOPEN ABSOLUTE MULTI-TURN ENCODER
MHK5 SENSATA-MHK5 Datasheet
335Kb / 4P
ETHERNET/IP ABSOLUTE MULTI -TURN ENCODER
Rev:09/11/18
MHK5 SENSATA-MHK5 Datasheet
788Kb / 6P
CANOPEN ABSOLUTE MULTI-TURN ENCODER
Rev: 02/16/2022
MHK5 SENSATA-MHK5 Datasheet
548Kb / 6P
PROFIBUS ABSOLUTE MULTI-TURN ENCODER
Rev. 01/19/2021
MHK5-D2B1B-1213-B150-H3P SENSATA-MHK5-D2B1B-1213-B150-H3P Datasheet
331Kb / 5P
DEVICENET ABSOLUTE MULTI-TURN ENCODER
Rev:01/19/2021
More results


Similar Description - MHK5

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G0M2H IVO-G0M2H Datasheet
597Kb / 4P
Absolute encoders - SSI
G1M2H IVO-G1M2H Datasheet
630Kb / 4P
Absolute encoders - SSI
GCM2S IVO-GCM2S Datasheet
605Kb / 4P
Absolute encoders - SSI
GCM2W IVO-GCM2W Datasheet
641Kb / 4P
Absolute encoders - SSI
GE400 IVO-GE400 Datasheet
592Kb / 4P
Absolute encoders - SSI
GXA2S IVO-GXA2S Datasheet
653Kb / 4P
Absolute encoders - SSI
GXM2S IVO-GXM2S Datasheet
655Kb / 4P
Absolute encoders - SSI
logo
Broadcom Corporation.
AS37-H39B BOARDCOM-AS37-H39B Datasheet
1Mb / 10P
39-Bit Battery Backup Multi-Turn Absolute Encoder
AS38-H39E BOARDCOM-AS38-H39E Datasheet
1Mb / 8P
39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
logo
NHP Electrical Engineer...
1734-SSI NHP-1734-SSI Datasheet
482Kb / 1P
POINT I/O SSI ABSOLUTE ENCODER INTERFACE MODULE
7 June 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com