Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

691213510002 Datasheet (PDF) - STMicroelectronics

691213510002 Datasheet PDF - STMicroelectronics
Part # 691213510002
Download  691213510002 Download
File Size   6259.84 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3-phase inverter based on STSPIN32F0251

691213510002 Datasheet (PDF)

Go To PDF Page Download Datasheet
691213510002 Datasheet PDF - STMicroelectronics

Part # 691213510002
Download  691213510002 Click to download

File Size   6259.84 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3-phase inverter based on STSPIN32F0251

691213510002 Datasheet (HTML) - STMicroelectronics


691213510002 Product details

Features
• Input voltage from 20 V to 120 V DC/AC
• STD17NF25 MOSFETs power stage featuring:
- VDS = 250 V
- Ros(on)max.= 0.165 Q
• Overcurrent threshold set to 16 Apeak
• Dual footprint for IGBT/MOSFET package:
一 DPAK
- PowerFlat 6x5
• Single-shunt current sensing, suitable for:
- Sensored or sensorless 6 steps algorithm
- Single-shunt vector (FOC) algorithm
• Smart shutdown overcurrent protection
• Digital Hall sensors and encoder input
• Bus voltage sensing
• 15 V VCC and 3.3 V VDD supplies
• Embedded ST-LINK/V2-1
• Easy user interface with buttons and trimmer
• RoHS compliant

Application
• Battery operated and 110 Vac supplied power and garden tools
• Industrial fans and pumps
• Home appliances
• Industrial and home automation

Description
The EVSPIN32F0251S1 board is a 3-phase complete inverter based on the STSPIN32F0251 controller, which embeds a 3-phase 250 V gate driver and a Cortex®-M0 STM32 MCU. The power stage features STD17NF25 MOSFETs, but can be populated with any IGBT or Power MOSFET in DPAK or powerFLAT 6x5 package.
The board has a single-shunt sensing topology, and both the field-oriented control FOC) and sensored or sensorless 6-step control can be implemented. This allows driving permanent magnet synchronous motors (PMSMs) and brushless DC (BLDC) motors.
The evaluation board is compatible with a wide range input voltage from 20 V to 120 V DC/AC, and includes a power supply stage with the VIPER013BLS in buck configuration to generate +15 V and +3.3 V supply voltage required by the application.
Debug and configuration of FW can be performed with standard STM32 tools through the detachable STLINK-debugger. SWD and UART TX-RX connectors are also available.




Similar Part No. - 691213510002

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
691213600001 WURTH-691213600001 Datasheet
173Kb / 4P
Serie 2136 - 10.16 mm Vertical Entry w. Rising Cage Clamp WR-TBL
691213600002 WURTH-691213600002 Datasheet
173Kb / 4P
Serie 2136 - 10.16 mm Vertical Entry w. Rising Cage Clamp WR-TBL
691213600101 WURTH-691213600101 Datasheet
173Kb / 4P
Serie 2136 - 10.16 mm Vertical Entry w. Rising Cage Clamp WR-TBL
691213610001 WURTH-691213610001 Datasheet
174Kb / 4P
Serie 2136 - 10.16 mm Horizontal Entry w. Rising Cage Clamp WR-TBL
691213610002 WURTH-691213610002 Datasheet
174Kb / 4P
Serie 2136 - 10.16 mm Horizontal Entry w. Rising Cage Clamp WR-TBL
More results


Similar Description - 691213510002

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKIIP25AC125V10 SEMIKRON-SKIIP25AC125V10 Datasheet
1Mb / 2P
3-phase bridge inverter
SK15GD126ET SEMIKRON-SK15GD126ET_06 Datasheet
719Kb / 4P
3-phase bridge inverter
SK25GD126ET SEMIKRON-SK25GD126ET_06 Datasheet
696Kb / 4P
3-phase bridge inverter
SK25GD065ET SEMIKRON-SK25GD065ET_06 Datasheet
686Kb / 4P
3-phase bridge inverter
SK35GD065ET SEMIKRON-SK35GD065ET_07 Datasheet
658Kb / 4P
3-phase bridge inverter
SKIIP15AC066V1 SEMIKRON-SKIIP15AC066V1 Datasheet
951Kb / 2P
3-phase bridge inverter
logo
STMicroelectronics
STEVAL-IHM021V2 STMICROELECTRONICS-STEVAL-IHM021V2 Datasheet
176Kb / 5P
100 W, 3-phase inverter based on the L6390 and UltraFASTmesh??MOSFET for speed FOC of 3-phase PMSM motor drives
10-Nov-2011
STEVAL-IHM045V1 STMICROELECTRONICS-STEVAL-IHM045V1 Datasheet
353Kb / 7P
3-phase high voltage inverter power board for FOC based on the STGIPN3H60A (SLLIMM™ nano)
May 2014 Rev 1
logo
Semikron International
IGD-1-424-P1N4-DL-FA SEMIKRON-IGD-1-424-P1N4-DL-FA Datasheet
409Kb / 6P
3-phase inverter
logo
STMicroelectronics
EVSPIN32F06Q1S1 STMICROELECTRONICS-EVSPIN32F06Q1S1 Datasheet
4Mb / 22P
3-phase inverter based on STSPIN32F0601
January 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com